Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology MIC4680 Datasheet HTML 10Page - Microchip Technology MIC4680 Datasheet HTML 11Page - Microchip Technology MIC4680 Datasheet HTML 12Page - Microchip Technology MIC4680 Datasheet HTML 13Page - Microchip Technology MIC4680 Datasheet HTML 14Page - Microchip Technology MIC4680 Datasheet HTML 15Page - Microchip Technology MIC4680 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC4680
DS20006623A-page 12
2021 Microchip Technology Inc. and its subsidiaries
5.0
APPLICATIONS INFORMATION
5.1
Adjustable Regulators
Adjustable regulators require a 1.23V feedback signal.
Recommended voltage-divider resistor values for
common output voltages are included in Table 5-1.
For other voltages, the resistor values can be
determined using the following formulas.
EQUATION 5-1:
EQUATION 5-2:
VOUT VREF R1
R2
------- 1
+
=
R1
R2
VOUT
VREF
------------- 1
–
=
R2
R1
VOUT VREF
1
–
----------------------------------------
=
Where:
VREF = 1.23V
SW
L1
IN
FB
GND
C
N
D
H
S
OUT
R1
R2
D1
V
OUT
MIC4680YM
CIN
V
IN
SHUTDOWN
ENABLE
5–8
4
3
2
1
TABLE 5-1:
RECOMMENDED COMPONENTS FOR COMMON OUTPUT VOLTAGES
VOUT
R11 2
R21 2
CIN
D1
L1
COUT
1.8V
3.01 kΩ 6.495 kΩ
15 μF 35V
T495X156K035ATE
200
2A 60V Schottky
B260A
Vishay-Diode, Inc
or
SS26 General
Semiconductor
68 μH 1.5A
Coiltronics
UP2B-680
or
Sumida
CDRH125-680MC3
or
Sumida
CDRH124-680MC3
220 μF 10V
T495X227K010ATE
060
2.5V
3.01 kΩ 2.915 kΩ
3.3V
3.01 kΩ 1.788 kΩ
5.0V
3.01 kΩ
982Ω
6.0V
3.01 kΩ
776Ω
Note 1: All resistors 1%.
2: Nearest available resistor values.
3: Shielded magnetics for low-RFI applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com