Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 2Page - Microchip Technology MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology MIC4680 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MIC4680
DS20006623A-page 6
2021 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL OPERATING CHARACTERISTICS
FIGURE 2-1:
Line Regulation.
FIGURE 2-2:
Load Regulation.
FIGURE 2-3:
Shutdown Current vs. Input
Voltage.
FIGURE 2-4:
Shutdown Current vs.
Temperature.
FIGURE 2-5:
Current Limit Characteristic.
FIGURE 2-6:
Frequency vs. Supply
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
I
OUT = 1.0A
4.96
4.98
5.00
5.02
5.04
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
V
IN =12V
V
OUT =5V
0
20
40
60
80
100
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50 -25
0
25
50
75 100 125
TEMPERATURE (°C)
V
IN =12V
V
SHDN =VIN
0
1
2
3
4
5
6
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
OUTPUT CURRENT (A)
V
IN = 12V
196
197
198
199
200
201
202
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com