Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology MIC4680 Datasheet HTML 10Page - Microchip Technology MIC4680 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006623A-page 7
MIC4680
FIGURE 2-7:
Frequency vs. Temperature.
FIGURE 2-8:
Feedback Voltage vs.
Temperature.
FIGURE 2-9:
Saturation Voltage vs.
Temperature.
FIGURE 2-10:
3.3V Output Efficiency.
FIGURE 2-11:
5V Output Efficiency.
FIGURE 2-12:
12V Output Efficiency.
180
190
200
210
220
-50 -25
0
25
50
75 100 125
TEMPERATURE (°C)
1.228
1.230
1.232
1.234
1.236
1.238
1.240
1.242
-50 -25 0
25 50 75 100 125 150
TEMPERATURE (°C)
V
IN = 12V
V
OUT =5V
I
OUT =1A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125
TEMPERATURE (°C)
V
IN =12V
V
OUT =5V
I
LOAD =1A
0
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
12V
6V
24V
0
10
20
30
40
50
60
70
80
90
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
7V
12V
24V
0
10
20
30
40
50
60
70
80
90
100
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
OUTPUT CURRENT (A)
15V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com