Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4680 Datasheet HTML 1Page - Microchip Technology MIC4680 Datasheet HTML 2Page - Microchip Technology MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC4680
DS20006623A-page 4
2021 Microchip Technology Inc. and its subsidiaries
Test Circuit
FIGURE 1-1:
Current Limit Test Circuit.
Quiescent Current
IQ
—
7
12
mA
VFB = 4.0V
MIC4680-5.0
Output Voltage
VOUT
4.950
5.0
5.05
V
±1%
4.85
—
5.15
±3%
4.800
5.0
5.200
8V ≤ VIN ≤ 34V, 0.1A ≤ ILOAD ≤ 1A
4.750
—
5.250
Maximum Duty Cycle
DCMAX
93
97
—
%
VFB = 4.0V
Output Leakage Current
IOZ
—
50
500
µA
VIN = 34V, VSHDN = 5V, VSW = 0V
—
4
20
mA
VIN = 34V, VSHDN = 5V, VSW = –1V
Quiescent Current
IQ
—
7
12
mA
VFB = 6.0V
MIC4680-3.3 and MIC4680-5.0
Frequency Fold Back
—
30
50
100
kHz
—
Oscillator Frequency
fOSC
180
200
220
kHz
—
Saturation Voltage
VSAT
—
1.4
1.8
V
IOUT = 1A
Short-Circuit Current Limit
ISC
1.3
1.8
2.5
A
VFB = 0V, see Figure 1-1
Standby Quiescent Current
ISTBY
—
1.5
—
µA
VSHDN = VIN
—
30
100
µA
VSHDN = 5V (regulator off)
Shutdown Input Logic Level
VSHDN
2
1.6
—
V
Regulator off
—
1.0
0.8
Regulator on
Shutdown Input Current
ISHDN
–10
–0.5
10
µA
VSHDN = 5V (regulator off)
–10
–1.5
10
VSHDN = 0V (regulator on)
Thermal Shutdown
TSHDN
—
160
—
°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = 12V; ILOAD = 500 mA; TJ = +25°C, bold values valid for –40°C to +125°C, unless
noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Test at TA = +85°C, ensured by design, and characterized to TJ = +125°C.
SW
68μH
IN
FB
GND
SHDN
Device Under Test
+12V
SHUTDOWN
ENABLE
SOIC-8
5–8
4
3
2
1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com