Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4680 Datasheet HTML 1Page - Microchip Technology MIC4680 Datasheet HTML 2Page - Microchip Technology MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006623A-page 3
MIC4680
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN; Note 1).....................................................................................................................................+38V
Shutdown Voltage (VSHDN) ........................................................................................................................ –0.3V to +38V
Steady-State Output Switch Voltage (VSW).................................................................................................................–1V
Feedback Voltage (Adjustable Version; VFB) ............................................................................................................+12V
ESD Rating ............................................................................................................................................................ Note 2
Operating Ratings ‡
Supply Voltage (VIN; Note 3).........................................................................................................................+4V to +34V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating rating.
Note 1: Absolute maximum rating is intended for voltage transients only, prolonged DC operation is not recom-
mended.
2: Devices are ESD sensitive. Handling precautions are recommended.
3: VIN(MIN) = VOUT + 2.5V or 4V, whichever is greater.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = 12V; ILOAD = 500 mA; TJ = +25°C, bold values valid for –40°C to +125°C, unless
noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
MIC4680 Adjustable Voltage Version
Feedback Voltage
VFB
1.217
1.230
1.243
V
±1%
1.205
—
1.255
±1%
1.193
1.230
1.267
8V ≤ VIN ≤ 34V, 0.1A ≤ ILOAD ≤ 1A,
VOUT = 5V
1.180
—
1.280
Maximum Duty Cycle
DCMAX
93
97
—
%
VFB = 1.0V
Output Leakage Current
IOZ
—
50
500
µA
VIN = 34V, VSHDN = 5V, VSW = 0V
—
4
20
mA
VIN = 34V, VSHDN = 5V, VSW = –1V
Quiescent Current
IQ
—
7
12
mA
VFB = 1.5V
MIC4680-3.3
Output Voltage
VOUT
3.266
3.3
3.333
V
±1%
3.201
—
3.399
±3%
3.168
3.3
3.432
6V ≤ VIN ≤ 34V, 0.1A ≤ ILOAD ≤ 1A
3.135
—
3.465
Maximum Duty Cycle
DCMAX
93
97
—
%
VFB = 2.5V
Output Leakage Current
IOZ
—
50
500
µA
VIN = 34V, VSHDN = 5V, VSW = 0V
—
4
20
mA
VIN = 34V, VSHDN = 5V, VSW = –1V
Note 1: Test at TA = +85°C, ensured by design, and characterized to TJ = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com