Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 10Page - Microchip Technology MIC4680 Datasheet HTML 11Page - Microchip Technology MIC4680 Datasheet HTML 12Page - Microchip Technology MIC4680 Datasheet HTML 13Page - Microchip Technology MIC4680 Datasheet HTML 14Page - Microchip Technology MIC4680 Datasheet HTML 15Page - Microchip Technology MIC4680 Datasheet HTML 16Page - Microchip Technology MIC4680 Datasheet HTML 17Page - Microchip Technology MIC4680 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MIC4680
DS20006623A-page 14
2021 Microchip Technology Inc. and its subsidiaries
5.4
Checking the Maximum Junction
Temperature
For this example, with an output power (POUT) of 5W,
(5V output at 1A maximum with VIN = 12V) and 65°C
maximum ambient temperature, what is the maximum
junction temperature?
Referring to Figure 2-11, read the efficiency (η) for 1A
output current at VIN = 12V or perform you own
measurement.
η = 79%
The efficiency is used to determine how much of the
output power (POUT) is dissipated in the regulator
circuit (PD).
EQUATION 5-4:
Calculate the worst-case junction temperature:
EQUATION 5-5:
Calculating the maximum junction temperature given a
maximum ambient temperature of 65°C:
EQUATION 5-6:
This value is less than the allowable maximum
operating junction temperature of 125°C as listed in the
Operating Ratings ‡. Typical thermal shutdown is
160°C and is listed in the Electrical Characteristics
table.
5.5
Increasing the Maximum Output
Current
The maximum output current at high input voltages can
be increased for a given board layout. The additional
three components shown in Figure 5-3 will reduce the
overall loss in the MIC4680 by about 20% at high VIN
and high IOUT.
Even higher output current can be achieved by using
the MIC4680 to switch an external FET. See Figure 5-7
for a 5A supply with current limiting.
FIGURE 5-3:
Increasing Maximum Output
Current at High Input Voltages.
5.6
Layout Considerations
Layout is very important when designing any switching
regulator. Rapidly changing switching currents through
the printed circuit board traces and stray inductance
can generate voltage transients which can cause
problems.
To minimize stray inductance and ground loops, keep
trace lengths, indicated by the heavy lines in
Figure 5-4, as short as possible. For example, keep D1
close to Pin 3 and Pins 5 through 8, keep L1 away from
sensitive node FB, and keep CIN close to Pin 2 and
Pins 5 though 8. See Thermal Considerations for
ground plane layout.
The feedback pin should be kept as far way from the
switching elements (usually L1 and D1) as possible.
FIGURE 5-4:
Critical Traces for Layout.
PD
POUT
------------- POUT
–
=
PD
5W
0.79
---------- 5W
–
1.33W
=
=
TJ PD IC
 
JC
TC TA
–
TA MAX
+
+
=
Where:
TJ = Junction temperature.
PD(IC) = The MIC4680 power dissipation.
θJC = Junction-to-case thermal resistance (approx.
20°C/W for the MIC4680).
TC = Pin temperature measurement taken at the
entry point of pin 6 or 7 into the plastic package at the
ambient temperature at which TC is measured.
TA = Ambient temperature at which TC is measured.
TA(MAX) = Maximum ambient operating temperature
for the specific design.
TJ 1.064 20C/W
45C 25C
–
65C
+
+
=
TJ 106.3C
=
SW
IN
FB
GND
SHDN
D1
1N4148
2.2nF
MIC4680YM
5678
3
SW
L1
68μH
IN
FB
GND
SHDN
C
OUT
R1
R2
D1
VOUT
MIC4680YM
GND
CIN
V
IN
+4V to +34V
Power
SOIC-8
56
7
8
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com