Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4680 Datasheet HTML 1Page - Microchip Technology MIC4680 Datasheet HTML 2Page - Microchip Technology MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006623A-page 1
MIC4680
Features
• SOIC-8 Package with Up to 1.3A Output Current
• All Surface Mount Solution
• Only Four External Components Required
• Fixed 200 kHz Operation
• 3.3V, 5V, and Adjustable Output Versions
• Internally Compensated with Fast Transient
Response
• Wide 4V to 34V Operating Input Voltage Range
• Less than 2 µA Typical Shutdown Mode Current
• Up to 90% Efficiency
• Thermal Shutdown
• Overcurrent Protection
Applications
• Simple 1A High-Efficiency Step-Down Regulator
• Replacement TO-220 and TO-263 Designs
• Efficient Pre-Regulator (5V to 2.5V, 12V to 3.3V,
etc.)
• On-Card Switching Regulators
• Positive-to-Negative Converter (Inverting
Buck-Boost)
• Simple Battery Charger
• Negative Boost Converter
• Higher Output Current Regulator using External
FET
General Description
The MIC4680 SuperSwitcher™ is an easy-to-use fixed
or adjustable output voltage step-down (buck)
switch-mode voltage regulator. The 200 kHz MIC4680
achieves up to 1.3A of continuous output current over
a wide input range in a 8-lead SOIC.
The MIC4680 is available in 3.3V and 5V fixed output
versions or adjustable output down to 1.25V.
The MIC4680 has an input voltage range of 4V to 34V,
with excellent line, load, and transient response. The
regulator performs cycle-by-cycle current limiting and
thermal shutdown for protection under fault conditions.
In shutdown mode, the regulator draws less than 2 μA
of standby current.
The MIC4680 SuperSwitcher regulator requires a
minimum number of external components and can
operate using a standard series of inductors and
capacitors. Frequency compensation is provided
internally for fast transient response and ease of use.
Package Type
1
SHDN
IN
SW
FB
8
GND
GND
GND
GND
7
6
5
2
3
4
MIC4680
8-Lead SOIC (M)
(Top View)
1A 200 kHz SuperSwitcher™ Buck Regulator


Similar Part No. - MIC4680

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4680-3.3BM MICREL-MIC4680-3.3BM Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4680-3.3BM MICREL-MIC4680-3.3BM Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4680-3.3YM MICREL-MIC4680-3.3YM Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4680-5.0BM MICREL-MIC4680-5.0BM Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
More results

Similar Description - MIC4680

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
3A SPAK SuperSwitcher??Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com