Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology MIC4680 Datasheet HTML 10Page - Microchip Technology MIC4680 Datasheet HTML 11Page - Microchip Technology MIC4680 Datasheet HTML 12Page - Microchip Technology MIC4680 Datasheet HTML 13Page - Microchip Technology MIC4680 Datasheet HTML 14Page - Microchip Technology MIC4680 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006623A-page 11
MIC4680
4.0
FUNCTIONAL DESCRIPTION
The MIC4680 is a variable duty cycle switch-mode
regulator with an internal power switch. Refer to the
Functional Block Diagrams.
4.1
Supply Voltage
The MIC4680 operates from a +4V to +34V
unregulated input. Highest efficiency operation is from
a supply voltage around +15V. See Figure 2-10
through Figure 2-12.
4.2
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible.
Ground the input if unused. A logic low enables the
regulator. A logic high shuts down the internal regulator
which reduces the current to typically 1.5 μA when
VSHDN = VIN = 12V and 30 μA when VSHDN = 5V. See
Figure 1-2.
4.3
Feedback
Fixed-voltage versions of the regulator have an internal
resistive divider from the feedback (FB) pin. Connect
FB directly to the output voltage.
Adjustable versions require an external resistive
voltage divider from the output voltage to ground,
center tapped to the FB pin. See Table 5-1 for
recommended resistor values.
4.4
Duty Cycle Control
A fixed-gain error amplifier compares the feedback
signal with a 1.23V bandgap voltage reference. The
resulting error amplifier output voltage is compared to a
200 kHz
sawtooth
waveform
to
produce
a
voltage-controlled variable duty cycle output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage
(comparator inverting input) causes the comparator to
detect only the peaks of the sawtooth, reducing the
duty cycle of the comparator output. A lower feedback
voltage increases the duty cycle. The MIC4680 uses a
voltage mode control architecture.
4.5
Output Switching
When the internal switch is on, an increasing current
flows from the supply VIN, through external storage
inductor L1, to output capacitor COUT and the load.
Energy is stored in the inductor as the current
increases with time.
When the internal switch is turned off, the collapse of
the magnetic field in L1 forces current to flow through
fast recovery diode D1, charging COUT.
4.6
Output Capacitor
External output capacitor COUT provides stabilization
and reduces ripple. See the Bode Plots for additional
information.
4.7
Return Paths
During the ON portion of the cycle, the output capacitor
and load currents return to the supply ground. During
the OFF portion of the cycle, current is being supplied
to the output capacitor and load by storage inductor L1,
which means that D1 is part of the high-current return
path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com