Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4680 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 16Page - Microchip Technology MIC4680 Datasheet HTML 17Page - Microchip Technology MIC4680 Datasheet HTML 18Page - Microchip Technology MIC4680 Datasheet HTML 19Page - Microchip Technology MIC4680 Datasheet HTML 20Page - Microchip Technology MIC4680 Datasheet HTML 21Page - Microchip Technology MIC4680 Datasheet HTML 22Page - Microchip Technology MIC4680 Datasheet HTML 23Page - Microchip Technology MIC4680 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006623A-page 21
MIC4680
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4680YM:
MIC4680, Adjustable Output
Voltage, –40°C to +125°C
Temp. Range, 8-Lead
SOIC, 95/Tube
b) MIC4680-3.3YM-TR:
MIC4608, 3.3V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Lead SOIC,
2,500/Reel
c) MIC4680-5.0YM-TR:
MIC4680, 5.0V Output
Voltage, –40°C to +125°C
Temp. Range, 8-Lead SOIC,
2,500/Reel
Device:
MIC4680:
1A 200 kHz SuperSwitcher™ Buck
Regulator
Output
Voltage:
<blank>= Adjustable
3.3 =
3.3V
5.0 =
5.0V
Temperature
Range:
Y
=
–40°C to +125°C
Package:
M
=
8-Lead SOIC
Media Type:
<blank>= 95/Tube
TR =
2,500/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X.X
X
X
-XX
Part No.
Output
Voltage
Temperature
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com