Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 25Page - Texas Instruments DLPC4430 Datasheet HTML 26Page - Texas Instruments DLPC4430 Datasheet HTML 27Page - Texas Instruments DLPC4430 Datasheet HTML 28Page - Texas Instruments DLPC4430 Datasheet HTML 29Page - Texas Instruments DLPC4430 Datasheet HTML 30Page - Texas Instruments DLPC4430 Datasheet HTML 31Page - Texas Instruments DLPC4430 Datasheet HTML 32Page - Texas Instruments DLPC4430 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
during normal operation. For maximum flexibility, an option to jumper to an external pull-up is recommended
for TSTPT_(3:0). Note that adding pull-up to TSTPT_(7:4) may have adverse affects for normal operation and
are not recommended. Note that these external pull-ups are only sampled upon a zero to one transition on
POSENSE and thus changing their configuration after reset has been released does not have any effect until the
next time reset is asserted and released. Table 7-4 defines the test mode selection for 3 of the 16 programmable
scenarios defined by TSTPT_(3:0):
Table 7-4. Test Mode Selection
No Switching Activity
System Calibration
ARM Debug Signal Set
TSTPT(3:0) Capture Value
x0
x8
x1
TSTPT(0)
0
Vertical Sync
ARM9_Debug (0)
TSTPT(1)
0
Delayed CW Index
ARM9_Debug (1)
TSTPT(2)
0
Sequence Index
ARM9_Debug (2)
TSTPT(3)
0
CW Spoke Test Pt
ARM9_Debug (3)
TSTPT(4)
0
CW Revolution Test Pt
ARM9_Debug (4)
TSTPT(5)
0
Reset Seq. Aux Bit 0
ARM9_Debug (5)
TSTPT(6)
0
Reset Seq. Aux Bit 1
ARM9_Debug (6)
TSTPT(7)
0
Reset Seq. Aux Bit 2
ARM9_Debug (7)
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com