Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 7Page - Texas Instruments DLPC4430 Datasheet HTML 8Page - Texas Instruments DLPC4430 Datasheet HTML 9Page - Texas Instruments DLPC4430 Datasheet HTML 10Page - Texas Instruments DLPC4430 Datasheet HTML 11Page - Texas Instruments DLPC4430 Datasheet HTML 12Page - Texas Instruments DLPC4430 Datasheet HTML 13Page - Texas Instruments DLPC4430 Datasheet HTML 14Page - Texas Instruments DLPC4430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Table 5-1. Pin Functions (continued)
PIN(1)
I/O(2)
DESCRIPTION
NAME
NO.
POWER and GROUND
VDD33
F20, F17, F11, F8,
L21, R21, Y21,
AA19, AA16, AA10,
AA7
POWER
3.3V I/O Power
VDD18
C1, F5, G6, K6,
M5, P5, T5, W6,
AA5, AE1, H5, N6,
T6, AA13, U21, P21,
H21, F14
POWER
1.8V Internal DRAM and LVDS I/O Power
VDD11
F19, F16, F13, F10,
F7, H6, L6, P6,
U6, Y6, AA8, AA11,
AA14, AA17, AA20,
W21, T21, N21, K21,
G21, L11, T11, T16,
L16
POWER
1.15V Core Power
VDD_PLLD
L22
POWER
1.15V DMD clock generator PLL digital power
VSS_PLLD
L23
GROUND
1.15 V DMD clock generator PLL digital ground
VAD_PLLD
K25
POWER
1.8V DMD clock generator PLL analog power
VAS_PLLD
K26
GROUND
1.8V DMD clock generator PLL analog ground
VDD_PLLM1
L26
POWER
1.15V Master-LS clock generator PLL digital power
VSS_PLLM1
M22
GROUND
1.15V Master-LS clock generator PLL digital ground
VAD_PLLM1
L24
POWER
1.8V Master-LS clock generator PLL analog power
VAS_PLLM1
L25
GROUND
1.8V Master-LS clock generator PLL analog ground
VDD_PLLM2
P23
POWER
Master-HS clock generator PLL digital power
VSS_PLLM2
P24
GROUND
Master-HS clock generator PLL digital ground
VAD_PLLM2
R25
POWER
1.8V Master-HS clock generator PLL analog power
VAS_PLLM2
R26
GROUND
1.8V Master-HS clock generator PLL analog ground
VAD_PLLS
R23
POWER
video-2X clock generator PLL analog power
VAS_PLLS
R24
GROUND
video-2X clock generator PLL analog ground
L-VDQPAD_[7:0], R-
VDQPAD_[7:0]
B18, D18, B17, E17,
A18, C18, A17, D17,
AE17, AC17, AF17,
AC18, AB16, AD17,
AB17, AD18
RESERVED
These pins have to be tied directly to ground for normal operation.
CFO_VDD33
AE26
RESERVED
This pin has to be tied directly to 3.3 I/O power (VDD33) for normal operation.
VTEST1, VTEST2,
VTEST3, VTEST4
AB14, AB15, E15,
E16
RESERVED
These pins have to be tied directly to ground for normal operation.
LVDS_AVS1,
LVDS_AVS2
V5, K5
POWER
These pins have to be tied directly to ground for normal operation.
VPGM
AC6
POWER
This pin has to be tied directly to ground for normal operation.
GROUND
A26, A25, A24, B25,
C24, D23, E22, F21,
F18, F15, F12, F9,
F6, E5, D4, C3, B3,
A3, B2, A2, B1, A1
G5, J5, J6, L5, M6,
N5, R5, R6, U5, V6,
W5, Y5, AA6, AB5,
AC4, AD3, AE3,
AF3, AF2, AF1, AA9,
AA12, AA15, AA18,
AA21, AB22, AC23,
AD24, AE24, AF24,
AE25, AF25, AF26,
V21, M21, J21, L15,
L14, L13, L12, M16,
M15, M14, M13,
M12, M11, N16,
N15, N14, N13, N12,
N11, P16, P15, P14,
P13, P12, P11, R16,
R15, R14, R13, R12,
R11, T15, T14, T13,
T12
GROUND
Common ground
(1)
For instructions on handling unused pins, see General Handling Guidelines for Unused CMOS-Type Pins.
(2)
I/O Type: I = Input, O = Output, B = Bidirectional, and H = Hysteresis. See Table 5-2 for subscript explanation.
(3)
All JTAG signals are LVTTL compatible.
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com