Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 6Page - Texas Instruments DLPC4430 Datasheet HTML 7Page - Texas Instruments DLPC4430 Datasheet HTML 8Page - Texas Instruments DLPC4430 Datasheet HTML 9Page - Texas Instruments DLPC4430 Datasheet HTML 10Page - Texas Instruments DLPC4430 Datasheet HTML 11Page - Texas Instruments DLPC4430 Datasheet HTML 12Page - Texas Instruments DLPC4430 Datasheet HTML 13Page - Texas Instruments DLPC4430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Table 5-1. Pin Functions (continued)
PIN(1)
I/O(2)
DESCRIPTION
NAME
NO.
GPIO_43
U25
B2
Reserved
HBT_DI_0 (I)
GPIO_42
U26
B2
Reserved
SSP0_CSZ4 (B)
GPIO_41
R22
B2
Reserved
DASYNC (I)
GPIO_40
T23
B2
Reserved
FSD12 (O)
GPIO_39
F24
B2
SW reserved (Boot Hold)
SW reserved (Boot Hold)
GPIO_38
E25
B2
SW reserved (USB
Enumeration Enable)
SW reserved (USB Enumeration Enable)
GPIO_37
G22
B2
N/A
N/A
GPIO_36
A12
B2
PM_ADDR_22 (O)
I2C_2 SDA (B)
GPIO_35
E11
B2
PM_ADDR_21 (O)
I2C_2 SCL (B)
GPIO_34
F23
B2
SSP1_CSZ_1 (B)
N/A
GPIO_33
D26
B2
SSP1_CSZ_0 (B)
N/A
GPIO_32
E24
B2
SSP1_DO (O)
N/A
GPIO_31
F22
B2
SSP1_DI (I)
N/A
GPIO_30
D25
B2
SSP1_CLK (B)
N/A
GPIO_29
E23
B2
IR1 (I)
SSP2 BC CSZ (B)
GPIO_28
C26
B2
IR0 (I)
SSP2 BC CSZ (B)
GPIO_27
AB4
B2
SSP0_CSZ3 (B)
N/A
GPIO_26
D24
B2
Blue LED enable (O)
UART2 TXD (O)
GPIO_25
C25
B2
Green LED enable (O)
LAMPSYNC (O)
GPIO_24
B26
B2
Red LED enable (O)
N/A
GPIO_23
E21
B2
LED Dual Current Control (O)
N/A
GPIO_22
D22
B2
LED Dual Current Control (O)
N/A
GPIO_21
E20
B2
LED Dual Current Control (O)
N/A
GPIO_20
C23
B2
N/A
N/A
GPIO_19
D21
B2
N/A
N/A
GPIO_18
B24
B2
N/A
N/A
GPIO_17
C22
B2
General Purpose Clock 2 (O)
N/A
GPIO_16
B23
B2
General Purpose Clock 1 (O)
N/A
GPIO_15
E19
B2
I2C_1 SDA (B)
N/A
GPIO_14
D20
B2
I2C_1 SCL (B)
N/A
GPIO_13
C21
B2
PWM IN_1 (I)
I2C_2 SDA (B)
GPIO_12
B22
B2
PWM IN_0 (I)
I2C_2 SCL (B)
GPIO_11
A23
B2
PWM STD_7 (O)
N/A
GPIO_10
A22
B2
PWM STD_6 (O)
N/A
GPIO_9
B21
B2
PWM STD_5 (O)
N/A
GPIO_8
A21
B2
PWM STD_4 (O)
N/A
GPIO_7
A20
B2
PWM STD_3 (O)
N/A
GPIO_6
C20
B2
PWM STD_2 (O)
N/A
GPIO_5
B20
B2
PWM STD_1 (O)
N/A
GPIO_4
B19
B2
PWM STD_0 (O)
N/A
GPIO_3
A19
B2
UART1_RTSZ (O)
N/A
GPIO_2
E18
B2
UART1_CTSZ (I)
N/A
GPIO_1
D19
B2
UART1_RXD (I)
N/A
GPIO_0
C19
B2
UART1_TXD (O)
N/A
CLOCK and PLL SUPPORT
MOSC
M26
I10
System clock oscillator input (3.3V LVTTL). Note that MOSC must be stable a maximum of 25ms after POSENSE
transitions from low to high.
MOSCN
N26
O10
MOSC crystal return
OCLKA
AF6
O5
General purpose output clock A. Targeted for driving the CW motor controller. The frequency is software
programmable. Power-up default 787Khz. Note that the output frequency is not affected by non-power-up reset
operations (it will hold the last value programmed).
DUAL CONTROLLER SUPPORT
SEQ_SYNC
AB9
B3
Sequence Sync. This signal is used in multi controller configurations only, in which case the SEQSYNC signal from
each controller is connected together with an external pull-up. This signal is either pulled high or pulled low and not
allowed to float for single controller configurations.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com