Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 16Page - Texas Instruments DLPC4430 Datasheet HTML 17Page - Texas Instruments DLPC4430 Datasheet HTML 18Page - Texas Instruments DLPC4430 Datasheet HTML 19Page - Texas Instruments DLPC4430 Datasheet HTML 20Page - Texas Instruments DLPC4430 Datasheet HTML 21Page - Texas Instruments DLPC4430 Datasheet HTML 22Page - Texas Instruments DLPC4430 Datasheet HTML 23Page - Texas Instruments DLPC4430 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TEST CONDITIONS
MIN
MAX
UNIT
tsu
Setup time, P2_A(9-0), valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P2_A(9-0), valid before P_CLK1↑↓, P_CLK2↑↓,
or P_CLK3↑↓
0.8
ns
tsu
Setup time, P2_B(9-0), valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P2_B(9-0), valid before P_CLK1↑↓, P_CLK2↑↓,
or P_CLK3↑↓
0.8
ns
tsu
Setup time, P2_C(9-0), valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P2_C(9-0), valid before P_CLK1↑↓, P_CLK2↑↓,
or P_CLK3↑↓
0.8
ns
tsu
Setup time, P2_VSYNC, valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P2_VSYNC valid before P_CLK1↑↓, P_CLK2↑↓,
or P_CLK3↑↓
0.8
ns
tsu
Setup time, P2_HSYNC, valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P2_HSYNC valid before P_CLK1↑↓, P_CLK2↑↓,
or P_CLK3↑↓
0.8
ns
tsu
Setup time, P_DATAEN1, valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P_DATAEN1 valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
tsu
Setup time, P_DATAEN2, valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
th
Hold time, P_DATAEN2 valid before P_CLK1↑↓,
P_CLK2↑↓, or P_CLK3↑↓
0.8
ns
tw(A)
VSYNC Active Pulse Width
1
Video Line
tw(A)
HSYNC Active Pulse Width
16
Pixel
Clocks
(1)
ALF_CSYNC, ALF_VSYNC and ALF_HSYNC are Asynchronous signals.
(2)
For frequencies (fclock) less than 175 MHZ, use following formula to obtain the jitter: Max Clock Jitter = +/- [ (1/ƒclock) – 5414 ps]
6.10 Port 3 Input Pixel Interface (via GPIO) Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fclock
Clock Frequency, P3_CLK
27
54
MHz
tc
Cycle time, P3_CLK
18.5
37.1
ns
tW(H)
Pulse Duration, high
50% to 50% reference points
(signal)
7.4
ns
tW(L)
Pulse Duration, low
50% to 50% reference points
(signal)
7.4
ns
tjp
Clock period jitter, P3_CLK
Max ƒclock
See (1)
See (1)
ps
tt
Transition time, tt= tf/tr, P3_CLK
20% to 80% reference points
(signal)
1.0
5.0
ns
tt
Transition time, tt= tf/tr, P3_DATA(9-0)
20% to 80% reference points
(signal)
1.0
5.0
ns
tsu
Setup time, P3_DATA(9-0) valid before P3_CLK↑↓
2.0
ns
th
Hold time, P3_DATA(9-0) valid after P3_CLK↑↓
2.0
ns
(1)
For frequencies less than 54 MHZ, use following formula to obtain the jitter: Jitter = [ (1/F) – 5414 ps].
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com