Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 8Page - Texas Instruments DLPC4430 Datasheet HTML 9Page - Texas Instruments DLPC4430 Datasheet HTML 10Page - Texas Instruments DLPC4430 Datasheet HTML 11Page - Texas Instruments DLPC4430 Datasheet HTML 12Page - Texas Instruments DLPC4430 Datasheet HTML 13Page - Texas Instruments DLPC4430 Datasheet HTML 14Page - Texas Instruments DLPC4430 Datasheet HTML 15Page - Texas Instruments DLPC4430 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
(4)
Ports 1 and 2 can each be used to support multiple source options for a given product (for example AFE and HDMI). To do so, the
data bus from both source components must be connected to the same port pins (1 or 2) and control given to the DLPC4430 device
to tri-state the "inactive" source. Tying them together like this causes some signal degradation due to reflections on the tri-stated path.
Given the clock is the most critical signal, three Port clocks (1,2,and 3) are provided to provide an option to improve the signal integrity.
(5)
Ports 1 and 2 can be used separately as two 30-bit ports, or can be combined into one 60-bit port (typically for high data rate sources)
for transmission of two pixels per clock.
(6)
The A, B, C input data channels of Ports 1 and 2 can be internally re-configured/ re-mapped for optimum board layout.
(7)
Sources feeding less than the full 10-bits per color component channel have to be MSB justified when connected to the DLPC4430
controller and the LSBs tied off to zero. For example an 8-bit per color input has to be connected to bits 9:2 of the corresponding A, B,
C input channel.
(8)
GPIO signals must be configured by software for input, output, bidirectional, or open-drain. Some GPIOs have one or more alternate
use modes, which are also software configurable. The reset default for all optional GPIOs is as an input signal. However, any alternate
function connected to these GPIO pins with the exception of general-purpose clocks and PWM generation, are reset. An external
pullup to the 3.3V supply is required for each signal configured as open-drain. External pullup or pulldown resistors may be required to
ensure stable operation before software is able to configure these ports.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com