Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 13Page - Texas Instruments DLPC4430 Datasheet HTML 14Page - Texas Instruments DLPC4430 Datasheet HTML 15Page - Texas Instruments DLPC4430 Datasheet HTML 16Page - Texas Instruments DLPC4430 Datasheet HTML 17Page - Texas Instruments DLPC4430 Datasheet HTML 18Page - Texas Instruments DLPC4430 Datasheet HTML 19Page - Texas Instruments DLPC4430 Datasheet HTML 20Page - Texas Instruments DLPC4430 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
over recommended operating conditions
PARAMETER
TEST
CONDITIONS
MIN TYP
MAX UNIT
IOZ
High-Impedance
leakage current
USB (9)
-10
pF
LVDS (7)
-10
3.3V LVTTL (1,2,3)
-10
3.3V I2C (8)
-10
CI
Input capacitance
USB (9)
11.84
17.07
pF
3.3V LVTTL (1)
3.75
5.52
3.3V LVTTL (2)
3.75
5.52
3.3V LVTTL (4)
3.75
5.52
3.3V I2C (8)
5.26
6.54
ICC11
Supply voltage, 1.15V core power
Normal Mode
2368 mA
ICC18
Supply voltage, 1.8V power (LVDS I/O and Internal
DRAM)
Normal Mode
1005 mA
ICC33
Supply voltage, 3.3V I/O power
Normal Mode
33 mA
ICC11_PLLD
Supply voltage, DMD PLL Digital Power ( 1.15V)
Normal Mode
4.4
6.2 mA
ICC11_PLLM1
Supply voltage, Master-LS Clock Generator PLL Digital
power ( 1.15V)
Normal Mode
4.4
6.2 mA
ICC11_PLLM2
Supply voltage, Master-HS Clock Generator PLL Digital
power ( 1.15V)
Normal Mode
4.4
6.2 mA
ICC18_PLLD
Supply voltage, DMD PLL Analog Power (1.8V)
Normal Mode
8.0
10.2 mA
ICC18_PLLM1
Supply voltage, Master-LS Clock Generator PLL Analog
power (1.8V)
Normal Mode
8.0
10.2 mA
ICC18_PLLM2
Supply voltage, Master-HS Clock Generator PLL Analog
power (1.8V)
Normal Mode
8.0
10.2 mA
ICC11_PLLS
Supply voltage, Video-2X PLL Analog Power ( 1.15 V)
Normal Mode
2.9 mA
Total Power
Normal Mode
4.76
W
ICC11
Supply voltage, 1.15V core power
Low Power
Mode
21 mA
ICC18
Supply voltage, 1.8V power (LVDS I/O and Internal
DRAM)
Low Power
Mode
0 mA
ICC33
Supply voltage, 3.3V I/O power
Low Power
Mode
18 mA
ICC11_PLLD
Supply voltage, DMD PLL Digital Power ( 1.15V)
Low Power
Mode
2.03 mA
ICC11_PLLM1
Supply voltage, Master-LS Clock Generator PLL Digital
power ( 1.15V)
Low Power
Mode
2.03 mA
ICC11_PLLM2
Supply voltage, Master-HS Clock Generator PLL Digital
power ( 1.15V)
Low Power
Mode
2.03 mA
ICC18_PLLD
Supply voltage, DMD PLL Analog Power (1.8V)
Low Power
Mode
5.42 mA
ICC18_PLLM1
Supply voltage, Master-LS Clock Generator PLL Analog
power (1.8V)
Low Power
Mode
5.42 mA
ICC18_PLLM2
Supply voltage, Master-HS Clock Generator PLL Analog
power (1.8V)
Low Power
Mode
5.42 mA
ICC11_PLLS
Supply voltage, Video-2X PLL Analog Power ( 1.15V)
Low Power
Mode
.03 mA
Total Power
Low Power
Mode
106 mW
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com