Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 36Page - Texas Instruments DLPC4430 Datasheet HTML 37Page - Texas Instruments DLPC4430 Datasheet HTML 38Page - Texas Instruments DLPC4430 Datasheet HTML 39Page - Texas Instruments DLPC4430 Datasheet HTML 40Page - Texas Instruments DLPC4430 Datasheet HTML 41Page - Texas Instruments DLPC4430 Datasheet HTML 42Page - Texas Instruments DLPC4430 Datasheet HTML 43Page - Texas Instruments DLPC4430 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Table 10-1. General PCB Routing (Applies to All Corresponding PCB Signals)
PARAMETER
APPLICATION
SINGLE-ENDED SIGNAL
DIFFERENTIAL PAIRS
UNIT
Line width (W)(1)
Escape Routing in Ball
Field
4 (0.1)
4 (0.1)
mil (mm)
PCB Etch Data or Control
7 (0.18)
4.25 (0.11)
mil (mm)
PCB Etch Clocks
7 (0.18)
4.25 (0.11)
mil (mm)
Minimum Line spacing to
other signals (S)
Escape Routing in Ball
Field
4 (0.1)
4 (0.1)
mil (mm)
PCB Etch Data or Control
10 (0.25)
20 (0.51)
mil (mm)
PCB Etch Clocks
20 (0.51)
20 (0.51)
mil (mm)
(1)
Line width is expected to be adjusted to achieve impedance requirements
Table 10-2. DMD I/F, PCB Interconnect Length Matching Requirements
SIGNAL GROUP LENGTH MATCHING
I/F
SIGNAL GROUP
REFERENCE SIGNAL
MAX MISMATCH
UNIT
DMD (LVDS)
SCA_P,SCA_N,
DDA_P(15:0),
DDA_N(15:0)
DCKA_P, DCKA_N
+/-150 (+/-3.81)
mil (mm)
DMD (LVDS)
SCB_P,SCB_N,
DDB_P(15:0),
DDB_N(15:0)
DCKB_P, DCKB_N
+/-150 (+/-3.81)
mil (mm)
Number of layer changes:
• Single ended signals: Minimize
• Differential signals: Individual differential pairs can be routed on different layers but the signals of a given pair
typically does not change layers.
Termination requirements:
• DMD Interface - None, the DMD receiver is differentially terminated to 100 ohms internally
Connector (DMD-LVDS I/F bus only) - High Speed Connectors that meet the following requirements must be
used:
● Differential Crosstalk
<5 %
● Differential Impedance
75-125 ohms
Routing requirements for right angle connectors:
When using right angle connectors, P-N pairs have to be routed in same row to minimize delay mismatch and
propagation delay difference for each row has to be accounted for on associated PCB etch lengths.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com