Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 29Page - Texas Instruments DLPC4430 Datasheet HTML 30Page - Texas Instruments DLPC4430 Datasheet HTML 31Page - Texas Instruments DLPC4430 Datasheet HTML 32Page - Texas Instruments DLPC4430 Datasheet HTML 33Page - Texas Instruments DLPC4430 Datasheet HTML 34Page - Texas Instruments DLPC4430 Datasheet HTML 35Page - Texas Instruments DLPC4430 Datasheet HTML 36Page - Texas Instruments DLPC4430 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Table 8-2. Recommended Crystal Configuration (continued)
PARAMETER
RECOMMENDED
UNIT
CL1 external crystal load capacitor (MOSC)
See (1)
pF
CL2 external crystal load capacitor (MOSCN)
See (1)
pF
PCB layout
A ground isolation ring around the crystal is
recommended.
(1)
Typical drive level with the XSA020000FK1H-OCX Crystal (ESRmax = 40 Ω) = 50 µW.
Figure 8-3. Recommended Crystal Oscillator Configuration
Typically the external crystal oscillator stabilizes within 50 ms after stable power is applied.
8.2.2 Detailed Design Procedure
For connecting the DLPC4430 controller and the DLP DMD together, see the reference design schematic. The
layout guidelines must be followed to achieve a reliable system. To complete the DLP system, an optical module
or light engine is required that contains the DLP DMD, associated illumination sources, optical elements, and
necessary mechanical components.
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com