Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 4 Page - Texas Instruments

  DLPC4430 Datasheet HTML 1Page - Texas Instruments DLPC4430 Datasheet HTML 2Page - Texas Instruments DLPC4430 Datasheet HTML 3Page - Texas Instruments DLPC4430 Datasheet HTML 4Page - Texas Instruments DLPC4430 Datasheet HTML 5Page - Texas Instruments DLPC4430 Datasheet HTML 6Page - Texas Instruments DLPC4430 Datasheet HTML 7Page - Texas Instruments DLPC4430 Datasheet HTML 8Page - Texas Instruments DLPC4430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Table 5-1. Pin Functions
PIN(1)
I/O(2)
DESCRIPTION
NAME
NO.
POSENSE
P22
I4
Power-On Sense, High true, signal provided from an external voltage monitor circuit. This signal is driven active
(high) when all ASIC supply voltages have reached 90% of their specified minimum voltage. This signal is driven
inactive (low) after the falling edge of PWRGOOD as specified.
PWRGOOD
T26
I4
Power Good, High true, signal from external power supply or voltage monitor. A high value indicates all power is
within operating voltage specs and the system is safe to exit its reset state. A transition from high to low is used
to indicate that the controller or DMD supply voltage drops below their rated minimum level. This transition must
occur prior to the supply voltage drop as specified. During this interval, POSENSE must remain active high. This is a
warning of an imminent power loss condition. This warning is required to enhance long term DMD reliability. A DMD
park followed by a full controller reset is performed by the DLPC4430 controller when PWRGOOD goes low for the
specified minimum, protecting the DMD. This minimum de-assertion time is used to protect the input from glitches.
Following this the DLPC4430 controller is held in its reset state as long as PWRGOOD is low. PWRGOOD must be
driven high for normal operation. The DLPC4430 controller acknowledges PWRGOOD as active once it has been
driven high for a specified minimum time. Uses hysteresis.
EXT_ARTZ
T24
O2
General purpose, LOW true, reset output. This output is asserted low immediately upon asserting power-up reset
(POSENSE) low and remains low while POSENSE remains low. EXT_ARSTZ continues to be held low after the
release of power-up reset (that is, POSENSE set high) until released by software. EXT_ARSTZ is also asserted low
approximately 5µs after the detection of a PWRGOOD or any internally generated reset. In all cases it remains active
for a minimum of 2ms. Note that the ASIC contains a software register that can be used to independently drive this
output.
MTR_ARTZ
T25
O2
Color wheel motor controller, LOW true, reset output. This output is asserted low immediately upon asserting
power-up reset (POSENSE) low and remains low while POSENSE remains low. MTR_ARSTZ continues to be held
low after the release of power-up reset (i.e. POSENSE set high) until released by software. MTR_ARSTZ is also
optionally asserted low approximately 5 µs after the detection of a PWRGOOD or any internally generated reset. In
all cases it remains active for a minimum of 2 ms. Note that the ASIC contains a software register that can be used to
independently drive this output. The ASIC also contains a software register that can be used to disable the assertion
of motor reset upon a lamp strike reset.
BOARD LEVEL TEST AND INITIALIZATION (3)
TDI
N25
I4
JTAG serial data in
TCK
N24
I4
JTAG serial data clock
TMS1
P25
I4
JTAG test mode select
TMS2
P26
I4
JTAG test mode select
TDO1
N23
O5
JTAG serial data out
TDO2
N22
O5
JTAG serial data out
TRSTZ
M23
I4
JTAG reset. This signal includes an internal pull-up and utilizes hysteresis. This pin is pulled high (or left
unconnected) when the JTAG interface is in use for boundary scan or ARM debug. Connect this pin to ground
otherwise. Failure to tie this pin low during normal operation will cause startup and initialization problems.
RTCK
E4
O2
JTAG Return Clock
ETM_PIPESTAT_2
A4
B2
ETM Trace Port Pipeline Status. Indicates the pipeline status of the ARM core. These signals include internal
pull-downs.
ETM_PIPESTAT_1
B5
B2
ETM_PIPESTAT_0
C6
B2
ETM_TRACESYNC
A5
B2
ETM Trace Port Synchronization signal, indicating the start of a branch sequence on the trace packet port. This
signal includes an internal pull-down.
ETM_TRACECLK
D7
B2
ETM Trace Port Clock. This signal includes an internal pull-down.
ICTSEN
M24
I4
IC Tri-State Enable (active high). Asserting high will Tri-state all outputs except the JTAG interface. This signal
includes an internal pull-down, however an external pull-down is recommended for added protection. Uses
hysteresis.
TSTPT_7
E8
B2
Test pin 7 - This signal provides internal pull-downs.
Normal Use: reserved for test output. Recommended to be left open or unconnected for normal use.
TSTPT_6
B4
B2
Test pin 6 - This signal provides internal pull-downs.
Normal Use: reserved for test output. Recommended to be left open or unconnected for normal use.
TSTPT_5
C4
B2
Test pin 5 - This signal provides internal pull-downs.
Normal Use: reserved for test output. Recommended to be left open or unconnected for normal use.
TSTPT_4
E7
B2
Test pin 4 - This signal provides internal pull-downs.
Normal Use: reserved for test output. Recommended to be left open or unconnected for normal use.
TSTPT_3
D5
B2
Test pin 3 - This signal provides internal pull-downs.
Normal Use: reserved for test output. Recommended to be left open or unconnected for normal use.
TSTPT_2
E6
B2
Test pin 2 - This signal provides internal pull-downs. Additionally, it is recommended that jumper options be provided
for connecting TSTPT(2:0) to external pull-ups.
TSTPT_1
D3
B2
Test pin 1 - This signal provides internal pull-downs. Additionally, it is recommended that jumper options be provided
for connecting TSTPT(2:0) to external pull-ups.
TSTPT_0
C2
B2
Test pin 0 - This signal provides internal pull-downs. Additionally, it is recommended that jumper options be provided
for connecting TSTPT(2:0) to external pull-ups.
DEVICE TEST
HW_TEST_EN
M25
I4
Device manufacturing test enable; This signal includes an internal pull-down and utilizes hysteresis. It is
recommended that this signal be tied to an external ground in normal operation for added protection.
PORT1 and PORT 2 CHANNEL DATA and CONTROL (4) (5) (6) (7)
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com