Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC4430 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 24Page - Texas Instruments DLPC4430 Datasheet HTML 25Page - Texas Instruments DLPC4430 Datasheet HTML 26Page - Texas Instruments DLPC4430 Datasheet HTML 27Page - Texas Instruments DLPC4430 Datasheet HTML 28Page - Texas Instruments DLPC4430 Datasheet HTML 29Page - Texas Instruments DLPC4430 Datasheet HTML 30Page - Texas Instruments DLPC4430 Datasheet HTML 31Page - Texas Instruments DLPC4430 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Table 7-1. Primary Channel/Video-Graphics Processing Delay
Source
Frame Rate Conversion
FRC Type
Formatter Buffer
Total Delay
48 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
50 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
60 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
100 and 120 Hz Graphics
1 Frame
Sync (1:1)
N Frames
1 + N Frames
100 and 120 Hz Graphics
(3D)
1 Frame
Sync (1:2)
M Frames
1 + M Frames
7.3.6 Program Memory Flash/SRAM Interface
The DLPC4430 controller provides three external program memory chip selects:
• PM_CSZ_0 – available for optional SRAM or flash device (≤ 128 Mb)
• PM_CSZ_1 – dedicated CS for boot flash device (ie. Standard NOR-type flash, ≤ 128 Mb)
• PM_CSZ_2 – available for optional SRAM or flash device (≤ 128 Mb)
Flash and SRAM access timing is software programmable up to 31 wait states. Wait state resolution is 6.7 ns
in normal mode and 53.33 ns in low power modes. Wait state program values for typical flash access times are
shown in the Table 7-2.
Table 7-2. Wait State Program Values for Typical Flash Access Times
Normal Mode (1)
Low Power Mode(1)
Formula to Calculate the
Required Wait State Value
= Roundup (Device_Access_Time / 6.7 ns)
= Roundup
(Device_Access_Time / 53.33 ns)
Max Supported Device Access
Time
207 ns
1660 ns
(1)
Assumes a maximum single direction trace length of 75 mm.
Note that when another device such as an SRAM or additional flash is used in conjunction with the boot flash,
care must be taken to keep stub length short and located as close as possible to the flash end of the route.
The DLPC4430 controller provides enough Program Memory Address pins to support a flash or SRAM device
up to 128 Mb. For systems not requiring this capacity, up to two address pins can be used as GPIO instead.
Specifically, the two most significant address bits (i.e. PM_ADDR_22 and PM_ADDR_21) are shared on pins
GPIO_36 and GPIO_35 respectively. Like other GPIO pins, these pins float in a high-impedance input state
following reset; therefore, if these GPIO pins are to be reconfigured as Program Memory Address pins, they
require board-level pull-down resistors to prevent any flash address bits from floating until software is able to
reconfigure the pins from GPIO to Program Memory Address. Also note that until software reconfigures the pins
from GPIO to Program Memory Address, upper portions of flash memory are not accessible.
Table 7-3 shows typical GPIO_35 and GPIO36 pin configuration for various flash sizes.
Table 7-3. Typical GPIO_35 and GPIO_36 Pin Configurations for Various Flash Sizes
FLASH SIZE
GPIO_36 Pin Configuration
GPIO_35 Pin Configuration
32 Mb or less
GPIO_36
GPIO_35
64 Mb
GPIO_36
PM_ADDR_21(1)
128 Mb
PM_ADDR_22(1)
PM_ADDR_21(1)
(1)
Board-level pulldown resistor required.
7.3.7 Calibration and Debug Support
The DLPC4430 controller contains a test point output port, TSTPT_(7:0), which provides selected system
calibration support as well as ASIC debug support. These test points are inputs while reset is applied and switch
to outputs when reset is released. The state of these signals is sampled upon the release of system reset
and the captured value configures the test mode until the next time reset is applied. Each test point includes
an internal pull-down resistor and thus external pull-ups are used to modify the default test configuration. The
default configuration (x00) corresponds to the TSTPT_(7:0) outputs being driven low for reduce switching activity
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com