Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 5 Page - Analog Devices

  LTC4232 Datasheet HTML 1Page - Analog Devices LTC4232 Datasheet HTML 2Page - Analog Devices LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT4200
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
UV Hysteresis vs Temperature
Timer Pull-Up Current
vs Temperature
Current Limit Delay
(tPHL(ILIM) vs Overdrive)
Current Limit Threshold Foldback
Current Limit Adjustment
(IOUT vs RSET)
RISET vs Temperature
IDD vs VDD
INTVCC Load Regulation
UV Low-High Threshold
vs Temperature
TA = 25°C, VDD = 12V unless otherwise noted.
150°C
25°C
–40°C
VDD (V)
0
5
10
15
20
25
30
1.2
1.6
2.0
2.4
4200 G01
ILOAD (mA)
0
0
0.5
1.5
1.0
3.5
2.0
2.5
3.0
4234 G02
–14
–12
–10
–8
–6
–4
–2
VDD = 5V
VDD = 3.3V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.230
1.232
1.234
1.236
1.238
1.240
4200 G03
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
50
60
70
80
90
100
110
4200 G04
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–90
–95
–100
–105
–110
4200 G05
OUTPUT CURRENT (A)
50
75
100
125
150
175
200
0.1
1
10
100
1000
4200 G06
FB VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
4200 G07
RSET (Ω)
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
4200 G08
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
18
19
20
21
22
4200 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com