Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 2 Page - Analog Devices

  LTC4232 Datasheet HTML 1Page - Analog Devices LTC4232 Datasheet HTML 2Page - Analog Devices LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT4200
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD), SENSE−................... –0.3V to 28V
Input Voltages
FB, OV, UV ..............................................–0.3V to 12V
TIMER................................................... –0.3V to 3.5V
SENSE+................................ VDD – 0.3V to VDD + 10V
Output Voltages
ISET, IMON .............................................. –0.3V to 3V
PG, FLT# ................................................ –0.3V to 35V
OUT ............................................ –0.3V to VDD + 0.3V
INTVCC.................................................. –0.3V to 3.5V
GATE (Note 3)........................................ –0.3V to 33V
Operating Junction Temperature Range (Note 4)
LT4200R ............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1 and 2)
16 17 18
TOP VIEW
UHG PACKAGE
36-LEAD (5mm × 8mm) PLASTIC QFN
θJA = 27°C/W (JEDEC PCB), 12°C/W (DC3024A)
EXPOSED PAD (PIN 37) IS SENSE– AND MUST BE SOLDERED ONTO THE PCB
19
37
SENSE–
20 21
8
7
6
5
4
3
2
1
31
32
33
34
35
36
UV
OV
IMON
TIMER
INTVCC
GATE
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
ISET
FB
FLT#
PG
SENSE+
GND
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
9
10
11
12
13
14
29
30
28
27
26
25
24
23
15
22
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4200RUHG#PBF
LT4200RUHG#TRPBF
4200
36-Lead (5mm × 8mm) Plastic QFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com