Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices LTC4232 Datasheet HTML 12Page - Analog Devices LTC4232 Datasheet HTML 13Page - Analog Devices LTC4232 Datasheet HTML 14Page - Analog Devices LTC4232 Datasheet HTML 15Page - Analog Devices LTC4232 Datasheet HTML 16Page - Analog Devices LTC4232 Datasheet HTML 17Page - Analog Devices LTC4232 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
LT4200
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 7. 12V, 50A Backplane Resident Application with Insertion Activated Turn-On
Additional Applications
The LT4200 has a wide operating range from 2.9V to 15V.
The UV, OV and PG thresholds are set with few resistors.
All other functions are independent of supply voltage.
In addition to hot swap applications, the LT4200 also
functions as a backplane resident switch for removable
load cards (see Figure 7).
Figure 8 shows a 3.3V application with a UV threshold
of 2.87V, an OV threshold of 3.77V and a PG threshold
of 3.05V.
The last page shows a 100A parallel application where
the two LT4200 parts each provide 50A to the load. The
PNPs prevent one LT4200 from faulting off in current limit
until both parts hit the 57A limit. The PNPs are discon-
nected when power good is false via the series MOSFETs
M1 and M2.
TYPICAL APPLICATIONS
R5
150k
R6
20k
ADC
C1
1µF
RMON
20k
4200 F07
VDD
PG
OUT
FB
UV
GND
IMON
LT4200
OV
SENSE+
INTVCC
TIMER
FLT#
VOUT
12V
50A
UV = 9.88V
OV = 15.2V
PG = 10.5V
12V
R7
10k
R1
226k
Z1*
R2
20k
12V
R4
20k
R3
140k
LOAD
*TVS Z1: DIODES INC. SMCJ15A
PINS NOT USED IN THIS CIRCUIT:
GATE, ISET
Figure 8. 3.3V, 50A Card Resident Application with Auto-Retry
R5
14.7k
R6
10k
R1
17.4k
ADC
R2
3.16k
C1
1µF
R3
10k
3.3V
RMON
20k
4200 F08
CL
1000µF
VDD
Z1*
UV
OUT
FB
PG
GND
IMON
LT4200
OV
SENSE+
INTVCC
TIMER
FLT#
+
VOUT
3.3V
50A
R7
10k
UV = 2.87V
OV = 3.77V
PG = 3.05V
*TVS Z1: DIODES INC. SMCJ15A
PINS NOT USED IN THIS CIRCUIT:
GATE, ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com