Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices LTC4232 Datasheet HTML 12Page - Analog Devices LTC4232 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT4200
9
Rev. 0
For more information www.analog.com
OPERATION
The Functional Diagram displays the main circuits of the
device. The LT4200 is designed to turn a board’s supply
voltage on and off in a controlled manner allowing the board
to be safely inserted and removed from a live backplane.
The LT4200 includes a 0.9mΩ MOSFET and a 0.3mΩ cur-
rent sense resistor. During normal operation, the charge
pump and gate driver turn on the pass MOSFET’s gate to
provide power to the load. The inrush current control is
accomplished by the INRUSH circuit. This circuit limits
the GATE ramp rate to 0.35V/ms and hence controls the
voltage ramp rate of the output capacitor.
The current sense (CS) amplifier monitors the load cur-
rent by using the voltage sensed across the current sense
resistor. The CS amplifier limits the current in the load
by reducing the GATE-to-OUT voltage in an active con-
trol loop. It is simple to adjust the current limit threshold
using the current limit adjustment (ISET) pin. This allows
a different threshold during other times such as start-up.
Note there must be a connection between SENSE+ to VDD
(Pin 32 to Pin 26) in order to monitor current.
A short circuit on the output to ground causes significant
power dissipation during active current limiting. To limit
this power dissipation, the foldback amplifier reduces the
current limit value from 57A to 6.8A in a linear manner as
the FB pin drops below 0.9V (see the Typical Performance
Characteristics).
If an overcurrent condition persists, the TIMER pin ramps
up with a 100µA current source until the pin voltage
exceeds 1.235V (comparator TM2). This indicates to the
logic that it is time to turn off the pass MOSFET to prevent
overheating. At this point the TIMER pin ramps down
using the 2µA current source until the voltage drops
below 0.21V (Comparator TM1) which completes one
timer cycle. After eight TIMER pin cycles (ramping to
1.235V and then below 0.21V), the logic starts the 48ms
debounce time. At this point, the pass transistor has
cooled and it is safe to turn it on again. It is suitable in
many applications to use an internal 0.5ms overcurrent
timer with a 900ms cool down by tying the TIMER pin to
INTVCC. Latchoff is the normal operating condition follow-
ing overcurrent turnoff. Retry is initiated by pulling the
UV pin low for a minimum of 1µs then high. Auto-retry is
implemented by tying the FLT# to the UV pin.
The output voltage is monitored using the FB pin and the
PG comparator to determine if power is available for the
load. The power good condition is signaled by the PG pin
using an open-drain pull-down transistor.
The Functional Diagram shows the monitoring blocks of
the LT4200. The two comparators on the left side include
the UV and OV comparators. These comparators are used
to determine if the external conditions, typically input volt-
age, are valid prior to turning on the MOSFET. But first,
the undervoltage lockout circuits UVLO1 and UVLO2 must
validate the input supply and the internally generated 3.1V
supply (INTVCC), generating the power-up initialization to
the logic circuits. If the external conditions remain valid
for 48ms, the MOSFET is allowed to turn on.
Other features include MOSFET current and temperature
monitoring. The current monitor (CM) outputs a current
proportional to the sense resistor current. This current
can drive an external resistor or other circuits for moni-
toring purposes. A voltage proportional to the MOSFET
temperature is output to the ISET pin. The MOSFET is
protected by a thermal shutdown circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com