Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices LTC4232 Datasheet HTML 12Page - Analog Devices LTC4232 Datasheet HTML 13Page - Analog Devices LTC4232 Datasheet HTML 14Page - Analog Devices LTC4232 Datasheet HTML 15Page - Analog Devices LTC4232 Datasheet HTML 16Page - Analog Devices LTC4232 Datasheet HTML 17Page - Analog Devices LTC4232 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LT4200
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
R3
=R4•
VUV
1.235V
−1
⎛
⎝⎜
⎞
⎠⎟ =
140k
(13)
R5
=R6•
VPG
1.235V
−1
⎛
⎝⎜
⎞
⎠⎟ =
150k
(14)
The final schematic in Figure 5 results in very few external
components. The pull-up resistor, R7, connects to the PG
pin while the 20k (RMON) converts the IMON current to a
voltage at a ratio given by Equation 15.
VIMON = 2[µA/A] • 20k • IOUT = 0.04[V/A] • IOUT
(15)
In addition there is a 1µF bypass (C1) on the INTVCC
pin and note the connection between SENSE+ to VDD
(Pin 32 to Pin 22).
Layout Considerations
In hot swap applications where load currents can be 50A,
narrow PCB tracks exhibit more resistance than wider
tracks and operate at elevated temperatures. The mini-
mum trace width requirement for 2oz copper foil is 0.01"
per amp to make sure the trace stays at a reasonable tem-
perature. Using 0.02" per amp or wider is recommended.
Note that 2oz copper exhibits a sheet resistance of about
0.25mΩ/square. Small resistances add up quickly in high
current applications.
The SENSE+ pin can be connected to the middle of the
wide VDD trace near pin 26 to provide Kelvin sensing for
VDD (see Figure 6). Make sure to minimize the solder joint
resistance at these VDD pins by applying solder along the
whole length of the VDD bar that connects pin 22 to 30.
High solder joint resistance will add error to the IMON
gain and ILIM(TH) accuracy.
During normal operation, the power dissipated in the
MOSFET could be as high as 3W. To remove this heat,
solder the SENSE–, exposed pad to a copper trace that
contains vias underneath the pad. The OUT pins conduct
substantial heat from the MOSFET. Connect all the OUT
pins to a plane of 2oz copper. Since the trace that connects
OUT pins must accommodate high current, this area of
copper is usually present. It is also important to put C1,
the bypass capacitor for the INTVCC pin, as close as pos-
sible between INTVCC and GND.
OUT
VDD
SENSE–
TRACE FOR VDD
KELVIN SENSING
ON LOWER (OR INTERIOR)
LAYER OFPCB
MULTIPLE VIA TO CONNECT
SENSE– TO BIG COPPER
PLANES ON OTHER
LAYERS OFPCB
GND
4200 F06
GND
C1
Figure 6. Recommended Layout
Thermal Considerations
If the LT4200 operates near its maximum load current of
50A, the junction temperature can rise to a level near the
thermal shutdown temperature if insufficient heat sink-
ing is used. Always maximize the PCB copper area and
thickness connected to the SENSE–, OUT and VDD pins.
The VDD and OUT pins require a wide copper trace to
carry the 50A current which will also help to conduct the
heat away from the LT4200. The SENSE– exposed pad,
although not carrying any current, should be as big as
possible to help in the heat dissipation of the internal
MOSFET. As shown in Figure 6, the SENSE– exposed pad
can be connected through via to the other layers of the
PCB with large copper planes. The size and thickness of
these copper planes will affect the junction temperature
of the LT4200. For example, the temperature rise is 38°C
at 50A with an 8-layer PCB (2oz copper for top/bottom
PCB layers with the rest 1oz thick) and with a large cop-
per area of 17 inch square connected to SENSE– on the
middle layers. If we reduce the copper area on the middle
layers to 1-inch square, the temperature rise increases by
another 20°C at 50A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com