Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT4200
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
UV (Pin 1): Undervoltage Comparator Input. Connect this
pin to an external resistive divider from VDD. If the UV pin
voltage falls below 1.15V, an undervoltage is detected
and the switch turns off. Pulling this pin below 0.62V
resets the overcurrent fault and allows the switch to turn
back on (see Application Information section for details).
If overcurrent auto-retry is desired, then tie UV to the FLT#
pin. Tie UV to INTVCC if unused.
OV (Pin 2): Overvoltage Comparator Input. Connect this
pin to an external resistive divider from VDD. If the voltage
at this pin rises above 1.235V, an overvoltage is detected,
and the switch turns off. Tie to GND if unused.
IMON (Pin 3): Current Monitor Output. The current in
the internal MOSFET switch is divided by 500,000 and
sourced from this pin. Placing a 20k resistor on this pin
allows a 0V to 2V voltage swing when current ranges
from 0A to 50A.
TIMER (Pin 4): Current Limit Timer Input. Connect a
capacitor between this pin and ground to set a 12ms/µF
duration for current limit before the switch is turned off. If
the UV pin is toggled low while the MOSFET switch is off,
the switch will turn on again following cool down time of
4.14s/µF duration. Tie this pin to INTVCC for a fixed 0.5ms
overcurrent delay and 900ms cool down time.
INTVCC (Pin 5): Internal 3.1V Supply Decoupling Output.
This pin must have a 1µF or larger bypass capacitor.
Overloading this pin can disrupt internal operation.
GATE (Pin 6): Gate Drive for Internal N-Channel MOSFET.
An internal 24µA current source charges the gate of the
N-channel MOSFET. At start-up, the GATE pin ramps up at
a 0.35V/ms rate determined by internal circuitry. During
an undervoltage or overvoltage condition, a 250µA pull-
down current turns the MOSFET off. During a short-circuit
or undervoltage lockout condition, a 140mA pull-down
current source between GATE and OUT is activated.
OUT (Pins 7–21): Output of Internal MOSFET Switch.
Connect this pin directly to the load.
VDD (Pins 22–30): Supply Voltage and Current Sense
Input. These pins must be soldered to input power. VDD
has an undervoltage lockout threshold of 2.73V.
GND (Pin 31): Device Ground.
SENSE– (Pin 32): Current Sense Node and MOSFET Drain.
The exposed pad on the UHG package is connected to
SENSE– and should be soldered to an electrically isolated
printed circuit board trace to properly transfer the heat
out of the package.
SENSE+ (Pin 32): Current Limit and Current Monitor
Amplifier Input. The current limit circuit controls the GATE
pin to limit the voltage between the SENSE+ and SENSE–
pin to 17mV (57A) or less depending on the voltage at
the FB pin and ISET. This pin must be connected to VDD
pin (connect Pin 32 to Pin 26).
PG (Pin 33): Power Good Indicator. Open-drain output
pulls low when the FB pin drops below 1.21V indicating
the power is bad. If the voltage at FB rises above 1.235V
and the GATE-to-OUT voltage exceeds 4.2V, the open-
drain pull-down releases the PG pin to go high.
FLT# (Pin 34): Overcurrent Fault Indicator. Open-drain
output pulls low when an overcurrent fault has occurred
and the circuit breaker trips. For overcurrent auto-retry
tie FLT# to UV pin (see Applications Information section
for details).
FB (Pin 35): Foldback and Power Good Input. Connect this
pin to an external resistive divider from OUT. If the voltage
falls below 0.9V, the current limit is reduced using a fold-
back profile (see the Typical Performance Characteristics
section). If the voltage falls below 1.21V, the PG pin will
pull low to indicate the power is bad.
ISET (Pin 36): Current Limit Adjustment Pin. For 57A
current limit value, open this pin. This pin is driven by
a 20k resistor in series with a voltage source. The pin
voltage is used to generate the current limit threshold.
The internal 20k resistor (RISET) and an external resistor
(RSET) between ISET and ground create an attenuator that
lowers the current limit value. Due to circuit tolerance
RSET should not be less than 2k. In order to match the
temperature variation of the sense resistor, the voltage on
this pin increases at the same rate as the sense resistance
increases. Therefore the voltage at ISET pin is made pro-
portional to temperature of the MOSFET switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com