Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices LTC4232 Datasheet HTML 12Page - Analog Devices LTC4232 Datasheet HTML 13Page - Analog Devices LTC4232 Datasheet HTML 14Page - Analog Devices LTC4232 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT4200
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
This gate slope is designed to charge up a 1000µF capaci-
tor to 12V in 34ms, with an inrush current of 350mA. This
allows the inrush current to stay under the folded back
current limit threshold (6.8A) for capacitors less than
8mF. The average power dissipation of 12V at 350mA for
34ms amounts to 0.387W√s, which is safely below the
LT4200 P√t spec of 7.5W√s.
The default configuration results in an inrush current
that stays under the folded back current limit thresh-
old  (6.8A) for charging capacitors less than 7667µF. If
the load capacitor, CL, is greater than 7667μF or a reduced
inrush current is desired, an RC network can be added to
the GATE pin. This is illustrated in Figure 1. With the RC
network the inrush current is defined by Equation 2. The
resistor should be 100k. A 3.3nF, CCOMP, is necessary to
compensate the current limit.
IINRUSH =
CL
CGATE
•24µA
(2)
When the GATE voltage reaches the MOSFET threshold
voltage, the switch begins to turn on and the OUT volt-
age follows the GATE voltage as it increases. Once OUT
reaches VDD, the GATE will ramp up until clamped by the
12V Zener between GATE and OUT.
As the OUT voltage rises, so will the FB pin which is moni-
toring it. Once the FB pin crosses its 1.235V threshold
and the GATE to OUT voltage exceeds 4.2V, the PG pin
will cease to pull low and indicate that the power is good.
Parasitic MOSFET Oscillation
When the N-channel MOSFET ramps up the output dur-
ing power-up it operates as a source follower. The source
follower configuration may self-oscillate in the range of
25kHz to 300kHz when the load capacitance is less than
10µF, especially if the wiring inductance from the supply
to VDD pin is greater than 3µH. The possibility of oscil-
lations will increase as the load current (during power-
up) increases. There are two ways to prevent this type of
oscillation. The simplest way is to avoid load capacitances
below 10µF. For wiring inductances larger than 20µH,
the minimum load capacitance may extend to 100µF.
A second choice is to connect an external gate capacitor
CP > 1.5nF as shown in Figure 3.
4200 F03
LT4200
GATE
CP
2.2nF
OPTIONAL
RC TO LOWER
INRUSH CURRENT
Figure 3. Compensation for Small CLOAD
Turn-Off Sequence
The switch can be turned off by a variety of conditions. A
normal turn-off is initiated when the UV pin goes below
its 1.235V threshold. Additionally, several fault conditions
will turn off the switch. These include an input overvolt-
age (OV pin), overcurrent circuit breaker (SENSE+ pin) or
overtemperature. Normally, the switch is turned off with a
250µA current pulling down the GATE pin to ground. With
the switch turned off, the OUT voltage drops which pulls
the FB pin below its threshold. The PG then pulls low to
indicate output power is no longer good.
If VDD drops below 2.65V for greater than 5µs or INTVCC
drops below 2.5V for greater than 1µs, a fast shut down
of the switch is initiated. The GATE is pulled down with a
140mA current to the OUT pin.
Overcurrent Fault
The LT4200 features an adjustable current limit with
foldback that protects against short circuits and exces-
sive load current. To protect against excessive power
dissipation in the switch during active current limit, the
available current is reduced as a function of the output
voltage sensed by the FB pin. A graph in the Typical
Performance Characteristics curves shows the current
limit threshold foldback.
An overcurrent fault occurs when the current limit cir-
cuitry has been engaged for longer than the timeout
delay set by the TIMER. Current limiting begins when
the MOSFET current reaches 6.8A to 57A (depending on
the foldback). The GATE pin is then brought down with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com