Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 1 Page - Analog Devices

  LTC4232 Datasheet HTML 1Page - Analog Devices LTC4232 Datasheet HTML 2Page - Analog Devices LTC4232 Datasheet HTML 3Page - Analog Devices LTC4232 Datasheet HTML 4Page - Analog Devices LTC4232 Datasheet HTML 5Page - Analog Devices LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT4200
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
50A Hot Swap E-Fuse with
Guaranteed SOA
The LT®4200 is an integrated solution for hot swap
applications that allows a board to be safely inserted and
removed from a live backplane. The part integrates a hot
swap controller, power MOSFET and current sense resistor
into a single package for small form-factor applications.
The MOSFET safe operating area is production tested and
guaranteed for the stresses in hot swap applications.
The LT4200 allows 50A of continuous operation at up to
85°C ambient temperature. It provides separate inrush
current control and a ±12% accurate 57A current limit with
output dependent foldback. The current limit threshold
can be adjusted dynamically using the ISET pin. Additional
features include a current monitor output for ground
referenced current sensing and a MOSFET temperature
monitor output. Thermal limit, overvoltage, undervoltage
and power good monitoring are also provided.
12V, 50A Card Resident Application with Auto-Retry
Power-Up Waveform
APPLICATIONS
n
Allows Safe Board Insertion into Live Backplane
n
Wide Operating Voltage Range: 2.9V to 15V
n
Guaranteed Safe Operating Area: 7.5W√s
n
1.2mΩ MOSFET with Current Sense Element
n
±4% Current Monitor Output
n
Adjustable Current Limit Threshold
n
Temperature Monitor Output
n
Overtemperature Protection
n
Adjustable Current Limit Timer Before Fault
n
Power Good and Fault Outputs
n
Adjustable Inrush Current Control
n
±2.5% Accurate Undervoltage and
Overvoltage Protection
n
Available in a 36-Pin (5mm × 8mm) QFN Package
n
High Availability Servers
n
Solid State Drives
All registered trademarks and trademarks are the property of their respective owners.
12V
VOUT
12V
50A
4200 TA01a
4700µF
10k
VDD
TIMER
UV
INTVCC
OUT
FB
PG
GND
IMON
LT4200
OV
SENSE+
FLT#
+
20k
1µF
*TVS: DIODES INC. SMCJ15A
ADC
107k
*
10k
5.23k
150k
20k
PINS NOT USED IN THIS CIRCUIT:
GATE, ISET
VIN
10V/DIV
CONTACT
BOUNCE
VOUT
10V/DIV
PG
10V/DIV
20ms/DIV
4200 TA01b
IIN
2A/DIV


Similar Part No. - LTC4232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4232 LINER-LTC4232 Datasheet
738Kb / 16P
5A Integrated Hot Swap Controller
LTC4232 LINER-LTC4232 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4232 AD-LTC4232 Datasheet
1Mb / 22P
Micropower Hot Swap Controller
08/19-REV.B
logo
Linear Technology
LTC4232-1 LINER-LTC4232-1 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
More results

Similar Description - LTC4232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4234 LINER-LTC4234_15 Datasheet
409Kb / 20P
20A Guaranteed SOA Hot Swap Controller
LTC4233 LINER-LTC4233 Datasheet
309Kb / 6P
10A/20A Guaranteed SOA Hot Swap Controller
LTC4234 LINER-LTC4234 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Monolithic Power System...
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com