Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 6Page - Analog Devices LTC4232 Datasheet HTML 7Page - Analog Devices LTC4232 Datasheet HTML 8Page - Analog Devices LTC4232 Datasheet HTML 9Page - Analog Devices LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices LTC4232 Datasheet HTML 12Page - Analog Devices LTC4232 Datasheet HTML 13Page - Analog Devices LTC4232 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT4200
10
Rev. 0
For more information www.analog.com
The typical LT4200 application is in a high availability
system that uses a positive voltage supply to distribute
power to individual cards. The application circuit is shown
in Figure 1. External component selection is discussed in
detail in the following sections.
Turn-On Sequence
Several conditions must be present before the internal
pass MOSFET can be turned on. First, the supply VDD
must exceed its undervoltage lockout level. Next, the
internally generated supply INTVCC must cross its 2.65V
undervoltage threshold. This generates a 25µs power-on-
reset pulse which clears the fault register and initializes
internal latches.
APPLICATIONS INFORMATION
After the power-on-reset pulse, the UV and OV pins must
indicate that the input voltage is within the acceptable
range. All of these conditions must be satisfied for a dura-
tion of 48ms to ensure that any contact bounce during
the insertion has ended.
The inrush current into the load capacitor, CL, is controlled
by limiting the dv/dt on the MOSFET’s GATE pin. The same
dv/dt will be generated on the OUTPUT pin. Figure 2 illus-
trate the turn-on ramp rate without CGATE. This internal
gate slope of 0.35V/ms will result in an inrush current
defined by Equation 1.
IINRUSH =CL • 0.35[V/ms]
(1)
ADC
R1
226k
C1
1µF
R2
20k
12V
4200 F01
CT
0.1µF
*TVS Z1: DIODES INC. SMCJ15A
CL
1000µF
VOUT
12V
20A
VDD
Z1*
UV
OUT
FB
PG
GND
IMON
RSET
20k
RMON
20k
ISET
CGATE
0.1µF
RGATE
100k
GATE
LT4200
OV
INTVCC
TIMER
SENSE+
FLT#
+
R3
140k
R4
20k
CCOMP
3.3nF
R7
10k
UV = 9.88V
OV = 15.2V
PG = 10.5V
R6
20k
R5
150k
Figure 1. 20A, 12V Card Resident Application, Auto-Retry
t1
t2
SLOPE = 0.35[V/ms]
GATE
OUT
VDD + 12V
VDD
4200 F02
Figure 2. Supply Turn-On without CGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com