Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4232
Description  50A Hot Swap E-Fuse with Guaranteed SOA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4232 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4232 Datasheet HTML 10Page - Analog Devices LTC4232 Datasheet HTML 11Page - Analog Devices LTC4232 Datasheet HTML 12Page - Analog Devices LTC4232 Datasheet HTML 13Page - Analog Devices LTC4232 Datasheet HTML 14Page - Analog Devices LTC4232 Datasheet HTML 15Page - Analog Devices LTC4232 Datasheet HTML 16Page - Analog Devices LTC4232 Datasheet HTML 17Page - Analog Devices LTC4232 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LT4200
18
Rev. 0
For more information www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC4210
Single Channel Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control,
MSOP-8 or MSOP-10
LTC4215
Hot Swap Controller with I2C Compatible Monitoring
Operates from 2.9V to 15V, 8-Bit ADC Monitors Current and Voltage
LTC4217
2A Integrated Hot Swap Controller
Operates from 2.9V to 26.5V, Adjustable 5% Accurate Current Limit
LTC4218
Hot Swap Controller with 5% Accurate 15mV Current Limit
Operates from 2.9V to 26.5V, Adjustable Current Limit, SSOP-16,
DFN-16
LTC4219
5A Integrated Hot Swap Controller
12V and 5V Preset Versions, 10% Accurate Current Limit
LTC4232
5A Integrated Hot Swap Controller
Operates from 2.9V to 15V, Adjustable 10% Accurate Current Limit
LTC4233
10A Guaranteed SOA Hot Swap Controller
Operates from 2.9V to 15V, Adjustable 11% Accurate Current Limit
LTC4234
20A Guaranteed SOA Hot Swap Controller
Operates from 2.9V to 15V, Adjustable 11% Accurate Current Limit
LTC4238
High Voltage High Current Hot Swap Controller
Operates from 6.5V to 80V, Adjustable Current Limit: 6mV to 20mV
LTC4283
–48V High Power Hot Swap Controller with Energy Monitor
SOA Timer, 8- to 16-Bit ADC Monitors Current, Voltage, Power and
Energy, Internal EEPROM, I2C or Single-Wire Broadcast
LTC4284
–48V High Power Hot Swap Controller with Energy Monitor
Dual Gate Drives, SOA Timer, 8- to 16-Bit ADC Monitors Current, Voltage,
Power and Energy, Internal EEPROM, I2C or Single-Wire Broadcast
LTC4381
Low Quiescent Current Surge Stopper
Withstand Input Surge of Up to 100V
12V,100A Parallel Application
4200 TA02
M2
ZVN3306FTA
Q2
MMBT3906
M1
ZVN3306FTA
150k
20k
107k
5.23k
10k
1µF
0.1µF
0.1µF
4700µF
VDD
UV
OUT
FB
PG
GND
LT4200
OV
SENSE+
INTVCC
TIMER
FLT#
+
VOUT
12V
100A
100k
1µF
VDD
UV
FB
OUT
PG
GND
LT4200
OV
SENSE+
INTVCC
TIMER
FLT#
SMCJ15A
12V
PINS NOT USED IN THIS CIRCUIT:
GATE, IMON, ISET
Q1
MMBT3906
ANALOG DEVICES, INC. 2021
10/21
www.analog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com