Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 7 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 7 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 3Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 4Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 5Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 6Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
7
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
2.5.3
External Crystal
The device operates with a low cost, small size 16MHz crystal connected between OSCI and OSCO pins. Each of
these pins should be connected to the DGND via a load capacitor. The load capacitors' values should be
determined according to the crystal manufacturer's recommendations and the actual PCB layout. The PCB traces
should be as short as possible.
The overall frequency tolerance should not exceed ± 50ppm.
2.5.3.1
Recommended Crystals
o
NDK - NX2520SA-16MHz, SMD, 2.5x2 mm
o
NDK - NX3225SA/GB-16MHz, SMD, 3.2x2.5mm
o
NDK - NX2016GC-16MHz, SMD, 2.0x1.6mm
o
ECS - ECS-160-12-37B-CTN-TR, SMD, 2.0x1.6mm
2.5.3.2
16MHz clock from an external source
It is possible to operate the device from an external 16HMz clock source that meets the requirements above.
Figure 6 depicts an external 16MHz clock connection to the device.
Figure 6 - External 16MHz clock connection
2.5.4
L1 and L2 inductors
The DMX250 requires one or two inductors for its operation, depending on the desired operating frequency.
- For full in-band operation, 5MHz - 30MHz:
 L1 - 3.3uH
 L2 - 15uH with 10nF series capacitor between L2 pin and L2 inductor.
- For low in-band operation, 5MHz -12MHz:
 L1 - 18uH
 L2 - NC
- For high in-band operation, 12MHz - 30MHz:
 L1 - 3.3uH
 L2 - NC
Figure 7 depicts the in-band operation inductors' connection to pins L1 and L2.
Figure 7 - L1 and L2 inductors connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com