Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 14 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 14 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 12Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 13Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 14Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 15Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 16Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 17Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 18Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
14
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
4.
Power operation modes
The DMX250 has three power operation modes; Normal, Standby, and Sleep.
4.1
Normal mode
In Normal mode, the DMX250 is either in RX mode, listening for a powerline message, or in TX mode, transmitting
a message over the powerline.
4.2
Standby mode
The DMX250 enters Standby mode upon wake-up from Sleep mode, while the NSLEEP pin is still low. The DMX250
is kept in Soft-reset, whereas communication with the DMX-controller is suspended until the NSLEEP pin is set
High.
4.3
Sleep modes (power-saving)
The DMX250 has four Sleep modes for best power consumption/performance during Sleep. During this mode, only
a small amount of hardware is operational mainly to detect wake-up messages (WUM) from the powerline and
returning to Normal mode operation.
Table 8 describes the DMX250 sleep modes.
Table 8 - Sleep modes description
Sleep mode
Description
Typical Power
consumption [A]
Performance
Enhanced sleep
(SLP1)
The device wakes-up every 32ms to
sense the powerline for WUM detection.
120µ
Wake-up detection with-in
64mSec. Best detection in a
noisy environment.
Fast wake-up
(SLP2)
The device continuously monitors the
powerline for WUM detection.
1000µ
Fast wake-up detection with-
in 250uSec.
Low-power
(SLP3)
The device wakes-up every 32ms to
sense the powerline for WUM detection.
85µ
Wake-up Detection with-in
64mSec.
Deep Sleep
(SLP4)
The device does NOT wake-up to sense
for bus activity, staying in deep sleep.
Wake-up only locally by the DMX-
controller.
65µ
No bus wake-up detection.
The Sleep modes use four interface pins as described in Table 9.
Table 9- Sleep interface pins
NSLEEP
Digital
input
High - Normal mode is active.
Low - Sleep /Standby mode is active.
INH
Digital
output
Output indication to Inhibit DMX-controller.
High - Normal mode is active.
Low - Sleep mode is active.
HDO
Digital
output
Normal mode - data output to DMX-controller.
Sleep/Standby
mode
- asserted
low
while
the
wake-up
message
is
being
detected/transmitted over the powerline.
HDC
Digital
input
Normal mode - DMX-controller Command mode / chip select.
Sleep mode - DMX-controller wakes-up the DMX250 locally by toggling the HDC high-low-
high. The DMX250 then exits the Sleep mode to Standby mode (NSLEEP still asserted low),
or Normal mode (NSLEEP is high).
4.3.1
Wake-up message (WUM)
When Auto-WUM is enabled (REG[3]='1'), upon the rise of the NSLEEP pin, the DMX250 transmits a broadcast
WUM over the powerline, to wake-up all network-connected devices.
DMX-controller can configure the length of the WUM as described in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com