Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 8 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 8 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 4Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 5Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 6Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 12Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
8
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
2.5.4.1
Recommended L1 & L2 inductors
Table 2 describes the recommended L1 and L2 inductors.
Table 2 - Recommended L1 and L2 manufacturers
Inductor
ABRACON
VISHAY
TDK
L1=3.3uH
815-AIML-0805-3R3K-T ILSB0805ER3R3K MLF2012A3R3JT000
L2=15uH
815-AIML-0805-150K-T ILSB0805ER150K MLF2012C150KT000
L1=18uH
815-AIML-0805-180K-T ILSB0805ER180K MLF2012C180KT000
2.5.5
Optional EMC chip-bead (L5)
For enhanced mitigation of high harmonics above 30MHz conducted over the powerline, it is recommended to add
L5 in series to the coupling capacitor C4 (see Figure 4).
Table 3 describes the recommended EMC chip-beads.
Table 3 - Recommended L5 (optional)
LAIRD
MI0603L301R-10
LAIRD
HZ0603A222R-10
TDK
MMZ1608Q
2.5.6
TXO output level and drive control
The TXO pin output level and drive capability to the powerline are controlled by REG_1[3], as described in Table 4.
Table 4 - TXO signal level
TXON State
REG_1[3]
TX level [V-p-p]
High
'0'
1
'1' (Default)
2
Low (Rx)
High Z
Setting the TXO output drive capability is made by configuring REG_1[0], as described in Table 5.
Table 5- TXO output drive control
TXON State
REG_1[0]
Output drive [A]
Impedance [Ω]
High
'0' (Default)
33mA
18
1
'1'
66mA
Low (Rx)
Disabled
5.3k
2
1Series output impedance
2Input impedance referenced to VREF
2.5.7
Ceramic capacitors
Low ESR capacitors will provide better performance. X5R and X7R capacitors are recommended, especially for
Vcap (C8) and PLLCAP (C3).
2.5.8
Powerline coupling interface
The DMX250 is coupled to the powerline through a single small footprint coupling capacitor that blocks the DC,
typically 2.2nF. The Ccoupling voltage rating depends on the powerline voltage and its expected impulses.
2.5.8.1
External protection network
It is recommended to add an external diode protection network before the Ccoupling, for protection from high
powerline pulses (above 2 V-P-P). The protection network consists of three Schottky diodes serially connected (for
both polarities), with low capacitance (< 10pF) and fast clipping (e.g. BAS70-04).
2.5.8.2
AC Powerline coupling interface
Figure 8 presents a possible high voltage AC and DC powerline interface. The DMX high-frequency carrier is
coupled to the powerline via capacitors C7 and C8. D5, D6, and D7 are external protection networks that clip the
residual high voltage impulses that may pass via C7 and C8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com