Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 22 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 22 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 18Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 19Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 20Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 21Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 22Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 23Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 24Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 25Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 26Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
22
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
Parameter
Symbol
Comments
Min.
Typ.
Max.
Unit
(channels selection)
100kHz, a total of 251
carrier frequencies,
see ‎3.4
Adjacent channels spacing
Fadj
The space between two
adjacent channels
operating over the same
powerline.
1.5
MHz
Timing requierments of DMX/RDM prtocol interface
DMX bitrate
Tbit
Output on HDO
4
µs
Break signal
Tbreak
200
µs
MAB
Tmab
20
µs
Stop bit length
Tsb
8
µs
Timing of device operation modes
Power-cycle/ hard-reset
Tinit
Initialization time after
power-cycle or hard-
reset event.
2
ms
Carrier frequency setting
Tfreq_cng
Carreri frequnecy change
process time
1
ms
Current Consumtption @ 3.3V
Normal TX mode – low power
ITx_lp
TXON high
(transmission is active)
77
mA
Normal TX mode – high power
ITx_hp
95
mA
Normal RX mode
IRX
TXON low
(transmission is not
active)
46
mA
Enhanced sleep
(SLP1)
Islp1
see ‎4.3
120
µA
Fast wake-up
(SLP2)
Islp2
see ‎4.3
1000
µA
Low-power
(SLP3)
Islp3
see ‎4.3
85
µA
Deep Sleep
(SLP4)
Islp4
see ‎4.3
65
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com