Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 21 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 21 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 17Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 18Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 19Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 20Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 21Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 22Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 23Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 24Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 25Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
21
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
6.
Specifications
Table 14 - Absolute maximal rating
Parameter
Symbol
Comments
Min.
Typ.
Max.
Unit
Input voltage, DC
Vim
-0.6
3.3
3.9
V
Output voltage, DC
Vom
-0.6
3.3
3.9
V
Ambient temperature
Tam
-40
125
°C
Storage temperature
Tsm
-55
150
°C
Table 15 - Recommended operation conditions
Parameter
Symbol
Comments
Min.
Typ.
Max.
Unit
Supply Voltage
VDVCC
VAVCC
3.0
3.3
3.6
V
Supply Voltage ripple
VCC_RIP
AVCC_RIP
Max 2.5MHz, waveform
type of triangular
50m
V-p-p
Ambient operating temperature
range
TA
-40
105
°C
Minimum high-level input voltage
VIH
2
V
Maximum low-level input voltage
VIL
0.8
V
Minimum high-level output voltage
VOH
2.4
V
Maximum low-level output voltage
VOL
0.4
V
Maximal output current
Iout
see Table 1
Maximum input current
IIN
-1
1
µA
Table 16 - Device characteristics
Parameter
Symbol
Comments
Min.
Typ.
Max.
Unit
External components requierments
Powerline coupling capacitor
Ccoupling
Capacitor rate should be
selected with respect to
powerline voltage
2.2
nF
Protection diodes capacitance
Dprotec
10
pF
Capacitor at VCAP
Vcap
1
4.7
µF
Capacitor at PLLCAP
PLLcap
1
µF
Capacitor at VREF
VREFcap
1
µF
Inductor at L1
L1
see ‎2.5.4
3.3 / 18
µH
Inductor at L2
L2
15
µH
L1 pin input capacitance
1
pF
Crystal frequency
Xtal_freq
see‎2.5.3
16
MHz
Crystal frequency tolerance
Xtal_ppm
50
±ppm
AC signals characteristics
Tx signal at TXO
TXOlev_1
TXON high
(transmission is active)
see ‎2.5.6.
1
V-p-p
TXOlev_2
2
V-p-p
TXO input impedance
TXOIn
TXON low
(transmission is not
active)
5.3k
Ω
TXO output impedance
TXOout
TXON high
(transmission is active)
18
Ω
TXO driving strength
ITXO
TXON high
(transmission is active)
33
66
mA
Rx signal at RXI
RXIlev
10m
3.3
V-p-p
RXI input impedance
RXIIn
An external 5.1kΩ series
resistor to RXI pin must
be installed.
5.1k
Ω
Carrier Frequency in-band
Fc
Selectionresolutionis
5
30
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com