Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 3 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 3 Page - Yamar Electronics Ltd.

  DMX250 Datasheet HTML 1Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 2Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 3Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 4Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 5Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 6Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
3
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
2.
Description
2.1
The DMX250 network
The DMX250 operates as part of a powerline (DC-BUS) communication network consisting of multiple DMX250
devices. The DMX/RDM data is phase modulated by a sine wave at a user predefined carrier frequency with built-
in error correction protection.
All network topologies (e.g. Star, ring, line, tree, etc.) are applicable, as long as the RX signal level at RXI is above
minimal RXIlev (see Table 16).
Users may create multiple DMX250 networks operating over a single powerline, where each network
communicates using a different carrier frequency (channel).
2.2
DMX250 channel parameters
Carrier frequency:
251 selectable frequencies between 5MHz - 30MHz with 100 kHz spacing.
Powerline bitrate:
250Kbit/s
Powerline voltage:
Any, with proper powerline coupling interfacing (see ‎2.5.6)
Cable length:
Depends on the powerline loads AC signal-attenuation (100m is practicable)
Cable type:
Any cable.
2.3
Device architecture
Figure 2 depicts the DMX250 blocks.
Figure 2 - DMX250 block diagram
The DMX250 main building blocks:
•
Protocol handling - Interprets the DMX512 & RDM protocols.
•
CODEC - Encodes/decodes the data.
•
Modem - Phase modulates and demodulates the data to and from the DC-BUS powerline.
•
Sleep - Ensures low power consumption during Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com