Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 19 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 19 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 15Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 16Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 17Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 18Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 19Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 20Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 21Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 22Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 23Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
19
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
5.4
REG_59 – UUID[47:40] (Address 0x59)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
R
R
R
R
R
R
R
UUID[47:40]
Bits [7:0] - UUID[47:40]
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.5
REG_5A – UUID[39:32] (Address 0x5A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
R
R
R
R
R
R
R
UUID[39:32]
Bits [7:0] - UUID[39:32]
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.6
REG_5B – UUID[31:24] (Address 0x5B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
R
R
R
R
R
R
R
UUID[31:24]
Bits [7:0] - UUID[31:24]
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.7
REG_5C – UUID[23:16] (Address 0x5C)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
R
R
R
R
R
R
R
UUID[23:16]
Bits [7:0] - UUID[23:16]
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.8
REG_5D – UUID[15:8] (Address 0x5D)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
R
R
R
R
R
R
R
UUID[15:8]
Bits [7:0] - UUID[15:8]
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.9
REG_5E – UUID[7:0] (Address 0x5E)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
R
R
R
R
R
R
R
UUID[7:0]
Bits [7:0] - UUID[7:0]
R - Readable bit,
W - Writeable bit
[x] - Value on power-up. ‘1’ - bit is set; ‘0’ - bit is cleared
5.10
DMX registers configuration (Command mode)
The Command mode allows the DMX-controller to access the DMX250 internal registers for write and read
operations.
Enter the Command mode by lowering the HDC pin. When the HDC pin is high, the device is in Normal mode.
During Command mode, the DMX250 is in a Soft-reset state, TX-FIFO and RX-FIFO are reset and all data in the
FIFOs is erased, and the device cannot send or receive a message to/from the powerline.
5.10.1
WRITE-REG command
Write register command consists of three bytes as described in Table 12.
Table 12 - WRITE-REG command structure
1
stByte
2
ndByte
3
rdByte
0xF5
Control register address
Data to write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com