Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 12 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 12 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 12Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 13Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 14Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 15Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 16Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
12
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
Table 7 describes FREQ_SEL[4:0] frequency selection allocation.
Table 7 – FREQ_SEL[4:0] frequency selection
FREQ_SEL[4:0]
Carrier Frequency [MHz]
5'b00000
REG_2 last configuration (default
13MHz, after power-up/hard-reset
event)
5'b00001
8
5'b00010
13
5'b00011
16
5'b00100
20
5'b00101
23
5'b00110
26
5'b00111
30
5'b01000
7
5'b01001
8
5'b01010
9
5'b01011
10
5'b01100
11
5'b01101
12
5'b01110
13
5'b01111
14
5'b10000
15
5'b10001
16
5'b10010
17
5'b10011
18
5'b10100
19
5'b10101
20
5'b10110
21
5'b10111
22
5'b11000
23
5'b11001
24
5'b11010
25
5'b11011
26
5'b11100
27
5'b11101
28
5'b11110
29
5'b11111
30
When configuration REG_2, the carrier-selected value is calculated as given in Definition of equation (1).
Definition of equation
REG_2 = (Carrier Freq. [MHz] - 5) * 10
(1)
EXAMPLE 1
 When setting the frequency to 14.1MHz:
REG_2 = (14.1 - 5) * 10 = 0x5B
EXAMPLE 2
 When Setting to 5MHz:
REG_2 = (5 - 5) * 10 = 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com