Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 5 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 5 Page - Yamar Electronics Ltd.

  DMX250 Datasheet HTML 1Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 2Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 3Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 4Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 5Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 6Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
5
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
Name
Pin #
Pin type
Internal
PU/PD
Description
TXO
23
Analog Output
Max 66 mA
Powerline Transmit signal out
TXON
State
REG_1[3]
TX level
[V-p-p]
Impedance [Ω]
High
'0'
1
18
1
'1' (Default)
2
Low
High Z
5.3k
2
1Series output impedance
2Input impedance referenced to VREF
RXI
24
Analog Input
Powerline receive Input
VREF
21
Analog Output
Analog out reference VCC/2 for filtering capacitor. Place 1uF
between VREF to AGND. The VREF is used as a virtual ground
for the external analog circuitry.
FILTERI
19
Analog,
Bi-directional
External filter I/O
FILTERO
20
Analog,
Bi-directional
External filter I/O
OSCO
32
Analog output
16MHz Crystal Output
OSCI
31
Analog Input
16MHz Crystal Input
L1
27
Analog Input
External inductor L1 (pin capacitance should be maximal
1pF), see ‎2.5.4.
L2
26
Analog Input
External inductors L2 (optional), see ‎2.5.4.
AVCC
25
Power
Analog 3.3V supply
AGND
22,28
Power
Analog ground
VCAP
3
Power
1.8V core supply output for filtering capacitor. Place 4.7uF
between VCAP and DGND.
DGND
4
Power
Digital Ground
DVCC
5,14
Power
Digital 3.3V supply
GNDPLL
30
Power
Analog Ground
PLLCAP
29
Power
PLL 1.8V output to a filtering capacitor. Place 1uF between
PLLCAP and GNDPLL.
EXP
33
Power
Expose pad, should be connected to DGND.
PD – Internal Pull-down resistor 50K ohm +/-%30
PU – Internal Pull-up resistor 50K ohm +/-%30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com