Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMX250 Datasheet(PDF) 13 Page - Yamar Electronics Ltd.

Part # DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Datasheet(HTML) 13 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 12Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 13Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 14Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 15Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 16Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 17Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
13
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
3.5
DMX250 UUID
Each DMX250 device is hard-coded with a 48 bit universally unique identifier (UUID[47:0]).
The UUID is stored in REG_59 to REG_5E and can be retrieved using the READ-REG commands (see ‎5.4 to ‎5.9‎5.9).
3.6
DMX interface typical set-up and operation
1.
Interface HDI, HDO, and HDC (Optional) pins.
2.
Select a carrier frequency (default 13MHz) (see ‎3.4).
3.
Transmit data bytes via HDI pin to the powerline.
4.
Receive data bytes from the powerline via HDO pin.
3.7
DMX Examples
3.7.1
DMX Example 1 - Typical communication flow
Figure 13 depicts a typical TX-RX DMX message flow. The DMX-controller starts a new message with a break signal,
followed by start code and data bytes on DMX250 HDI. Upon detection of the break signal, the DMX250 initiates
the DMX frame over the powerline. After a fixed latency of ~100usec, the DMX250 RX device output on HDO the
break signal, followed by the start code and message received data bytes.
Figure 13 - DMX typical communication sequence
3.7.2
DMX Example 2 - WRITE-REG command
Figure 14 depicts a WRITE-REG command sequence. First, the HDC is pulled low and the device enters the
Command mode. The DMX-controller sends the write command with the 1
st byte of 0xF5, followed by the control
register address byte (A[7:0]), and then the data byte to be written (B[7:0]). After completing the write sequence,
the HDC pin is pulled high and the device returns to Normal mode.
Figure 14- DMX Write Register command sequence
3.7.3
DMX Example 3 - READ-REG command
Figure 15 depicts a READ-REG command sequence. First, the HDC is pulled low and the device enters the
Command mode. The user sends the read command with the 1
st byte of 0xFD, followed by the control register
address byte (A[7:0]). Then the DMX-controller receives the register internal value (B[7:0]). The HDC pulled back to
high and the device returns to Normal mode.
Figure 15 - DMX Read Register command sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com