Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 48Page - STMicroelectronics SPC584BX Datasheet HTML 49Page - STMicroelectronics SPC584BX Datasheet HTML 50Page - STMicroelectronics SPC584BX Datasheet HTML 51Page - STMicroelectronics SPC584BX Datasheet HTML 52Page - STMicroelectronics SPC584BX Datasheet HTML 53Page - STMicroelectronics SPC584BX Datasheet HTML 54Page - STMicroelectronics SPC584BX Datasheet HTML 55Page - STMicroelectronics SPC584BX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 142 page
background image
Electrical characteristics
SPC584Bx
52/142
DS11701 Rev 4
TUE12
CC
D
TUE degradation due
to VDD_HV_ADR offset
with respect to
VDD_HV_ADV
VIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[0:25 mV]
–1
1
LSB
(12b)
VIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[25:50 mV]
–2
2
VIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[50:75 mV]
–4
4
VIN < VDD_HV_ADV
VDD_HV_ADR  VDD_HV_ADV
[75:100 mV]
–6
6
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[0:25 mV]
–2.5
2.5
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[25:50 mV]
–4
4
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[50:75 mV]
–7
7
VDD_HV_ADV < VIN <
VDD_HV_ADR
VDD_HV_ADR  VDD_HV_ADV
[75:100 mV]
–12
12
DNL(8)
CC
P
Differential non-
linearity
Standard frequency mode,
VDD_HV_ADV > 4 V
VDD_HV_ADR_S > 4 V
–1
2
LSB
(12b)
T
High frequency mode,
VDD_HV_ADV > 4 V
VDD_HV_ADR_S > 4 V
–1
2
1. Minimum ADC sample times are dependent on adequate charge transfer from the external driving circuit to the internal
sample capacitor. The time constant of the entire circuit must allow the sampling capacitor to charge within 1/2 LSB within
the sampling window. Refer to Figure 8 for models of the internal ADC circuit, and the values to use in external RC sizing
and calculating the sampling window duration.
2. Mode1: 6 sampling cycles + 10 conversion cycles at 13.33 MHz.
3. Mode2: 5 sampling cycles + 10 conversion cycles at 13.33 MHz.
4. Mode3: 6 sampling cycles + 10 conversion cycles at 16 MHz.
5. IADCREFH and IADCREFL are independent from ADC clock frequency. It depends on conversion rate: consumption is driven
by the transfer of charge between internal capacitances during the conversion.
6. Current parameter values are for a single ADC.
Table 26. SARn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com