Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 68Page - STMicroelectronics SPC584BX Datasheet HTML 69Page - STMicroelectronics SPC584BX Datasheet HTML 70Page - STMicroelectronics SPC584BX Datasheet HTML 71Page - STMicroelectronics SPC584BX Datasheet HTML 72Page - STMicroelectronics SPC584BX Datasheet HTML 73Page - STMicroelectronics SPC584BX Datasheet HTML 74Page - STMicroelectronics SPC584BX Datasheet HTML 75Page - STMicroelectronics SPC584BX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
Electrical characteristics
SPC584Bx
72/142
DS11701 Rev 4
VLVD400_IM
CC P VDD_HV_IO_MAIN
—
4.15
4.23
4.31
V
VLVD400_IF
CC P VDD_HV_IO_ETH
—
4.15
4.23
4.31
V
High Voltage Detectors HV
VHVD400_IF
CC P VDD_HV_IO_ETH
—
3.68
3.75
3.82
V
Upper Voltage Detectors HV
VUVD600_F
CC P VDD_HV_FLA
—
5.72
5.82
5.92
V
VUVD600_IF
CC P VDD_HV_IO_ETH
—
5.72
5.82
5.92
V
PowerOn Reset LV
VPOR031_C
CC P VDD_LV
—
0.29
0.60
0.97
V
Minimum Voltage Detectors LV
VMVD082_C
CC P VDD_LV
—
0.85
0.88
0.91
V
VMVD094_C
CC P VDD_LV
—
0.98
1.00
1.02
V
VMVD094_FA
CC P VDD_LV (Flash)
—
1.00
1.02
1.04
V
VMVD094_FB
CC P VDD_LV (Flash)
—
1.00
1.02
1.04
V
Low Voltage Detectors LV
VLVD100_C
CC P VDD_LV
—
1.06
1.08
1.11
V
VLVD100_SB
CC P VDD_LV (In Standby)
—
0.99
1.01
1.03
V
VLVD100_F
CC P VDD_LV (Flash)
—
1.08
1.10
1.12
V
High Voltage Detectors LV
VHVD134_C
CC P VDD_LV
—
1.28
1.31
1.33
V
Upper Voltage Detectors LV
VUVD140_C
CC P VDD_LV
—
1.34
1.37
1.39
V
VUVD140_F
CC P VDD_LV (Flash)
—
1.34
1.37
1.39
V
Common
TVMFILTER
CC D Voltage monitor filter(3)
—5
—
25
s
1. Even if LVD/HVD monitor reaction is configurable, the application ensures that the device remains in the operative
condition range, and the internal LVDx monitors are disabled by the application. Then an external voltage monitor with
minimum threshold of VDD_LV(min) = 1.08 V measured at the device pad, has to be implemented.
For HVDx, if the application disables them, then they need to grant that VDD_LV and VDD_HV voltage levels stay withing
the limitations provided in Section 4.2: Absolute maximum ratings.
2. The values reported are Trimmed values, where applicable.
3. See Figure 17. Transitions shorter than minimum are filtered. Transitions longer than maximum are not filtered, and will be
delayed by TVMFILTER time. Transitions between minimum and maximum can be filtered or not filtered, according to
temperature, process and voltage variations.
Table 38. Voltage monitor electrical characteristics (continued)
Symbol
C
Supply/Parameter(1)
Conditions
Value(2)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com