Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 49Page - STMicroelectronics SPC584BX Datasheet HTML 50Page - STMicroelectronics SPC584BX Datasheet HTML 51Page - STMicroelectronics SPC584BX Datasheet HTML 52Page - STMicroelectronics SPC584BX Datasheet HTML 53Page - STMicroelectronics SPC584BX Datasheet HTML 54Page - STMicroelectronics SPC584BX Datasheet HTML 55Page - STMicroelectronics SPC584BX Datasheet HTML 56Page - STMicroelectronics SPC584BX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 142 page
background image
DS11701 Rev 4
53/142
SPC584Bx
Electrical characteristics
55
4.12.3
SAR ADC 10 bit electrical specification
The ADC comparators are 10-bit Successive Approximation Register analog-to-digital
converters with full capacitive DAC. The SARn architecture allows input channel
multiplexing.
Note:
The functional operating conditions are given in the DC electrical specifications. Absolute
maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the listed maximum may affect device reliability or cause
permanent damage to the device.
7. TUE is granted with injection current within the range defined in Table 25, for parameters classified as T and D.
8. DNL is granted with injection current within the range defined in Table 25, for parameters classified as T and D.
Table 27. ADC-Comparator electrical specification
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fADCK
SR
P
Clock frequency
Standard frequency mode
7.5
13.33
MHz
T
High frequency mode
>13.33
16.0
tADCINIT
SR
— ADC initialization time
—
1.5
—
µs
tADCBIASINIT
SR
—
ADC BIAS initialization
time
—5
—
µs
tADCINITSBY
SR
—
ADC initialization time
in standby
Standby mode
8
—
µs
tADCPRECH
SR
T ADC precharge time
Fast channel
1/fADCK
—
µs
Standard channel
2/fADCK
—
VPRECH
SR
D
Precharge voltage
precision
TJ < 150 °C
0
0.25
V
tADCSAMPLE
SR
P ADC sample time(1)
10-bit ADC mode
5/fADCK
—µs
ADC comparator mode
2/fADCK
—µs
tADCEVAL
SR
P
ADC evaluation time
10-bit ADC mode
10/fADCK
—
µs
D
ADC comparator mode
2/fADCK
—
IADCREFH(2),(3)
CC
T
ADC high reference
current
Run mode
(average across all codes)
—7
µA
Power down mode
—
1
ADC comparator mode
—
19.5
IADCREFL(4)
CC
D
ADC low reference
current
Run mode
VDD_HV_ADR_S  5.5 V
—15
µA
Power Down mode
VDD_HV_ADR_S  5.5 V
—1
ADC comparator mode
—
20.5
IADV_S(4)
CC
P V
DD_HV_ADV power
supply current
Run mode
—
4
mA
D
Power down mode
—
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com