Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 93Page - STMicroelectronics SPC584BX Datasheet HTML 94Page - STMicroelectronics SPC584BX Datasheet HTML 95Page - STMicroelectronics SPC584BX Datasheet HTML 96Page - STMicroelectronics SPC584BX Datasheet HTML 97Page - STMicroelectronics SPC584BX Datasheet HTML 98Page - STMicroelectronics SPC584BX Datasheet HTML 99Page - STMicroelectronics SPC584BX Datasheet HTML 100Page - STMicroelectronics SPC584BX Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 142 page
background image
DS11701 Rev 4
97/142
SPC584Bx
Electrical characteristics
101
Note:
In the following table, all timing specifications are referenced from MDC = 1.4 V (TTL levels)
to the valid input and output levels, 0.8 V and 2.0 V (TTL levels). For 5 V operation, timing is
referenced from MDC = 50 % to 2.2 V/3.5 V input and output levels.
Figure 39. MII serial management channel timing diagram
4.17.3.6
RMII receive signal timing (RXD[1:0], CRS_DV)
The receiver functions correctly up to a REF_CLK maximum frequency of 50 MHz +1 %.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the RX_CLK frequency, which is half that of the REF_CLK
frequency.
Table 53. RMII serial management channel timing
Symbol
C
Characteristic
Value
Unit
Min
Max
M10
CC D
MDC falling edge to MDIO output invalid
(minimum propagation delay)
0—
ns
M11
CC D
MDC falling edge to MDIO output valid
(maximum propagation delay)
—25
ns
M12
CC D MDIO (input) to MDC rising edge setup
10
—
ns
M13
CC D MDIO (input) to MDC rising edge hold
0
—
ns
M14
CC D MDC pulse width high
40 %
60 %
MDC period
M15
CC D MDC pulse width low
40 %
60 %
MDC period
M11
MDC (output)
MDIO (output)
M12
M13
MDIO (input)
M10
M14
M15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com