Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 93 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 93 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 89Page - STMicroelectronics SPC584BX Datasheet HTML 90Page - STMicroelectronics SPC584BX Datasheet HTML 91Page - STMicroelectronics SPC584BX Datasheet HTML 92Page - STMicroelectronics SPC584BX Datasheet HTML 93Page - STMicroelectronics SPC584BX Datasheet HTML 94Page - STMicroelectronics SPC584BX Datasheet HTML 95Page - STMicroelectronics SPC584BX Datasheet HTML 96Page - STMicroelectronics SPC584BX Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 142 page
background image
DS11701 Rev 4
93/142
SPC584Bx
Electrical characteristics
101
Figure 33. DSPI slave mode — modified transfer format timing (MFTE=0/1) CPHA =0
Figure 34. DSPI slave mode — modified transfer format timing (MFTE = 0/1) CPHA = 1
4.17.3
Ethernet timing
The Ethernet provides both MII and RMII interfaces. The MII and RMII signals can be
configured for either CMOS or TTL signal levels compatible with devices operating at either
5.0 V or 3.3 V. Check the device pinout details to review the packages supporting MII and
RMII.
Last Data
First Data
Data
Data
SIN
SOUT
SS
SCK Input
First Data
Last Data
SCK Input
(CPOL = 0)
(CPOL = 1)
tSCK
tA
tDIS
tSDC
tSDC
tCSC
tASC
tSUI
tHI
tSUO
tHO
Last Data
Last Data
SIN
SOUT
SS
First Data
First Data
Data
Data
SCK Input
SCK Input
(CPOL = 0)
(CPOL = 1)
tA
tDIS
tSUI
tHI
tSUO
tHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com