Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 66Page - STMicroelectronics SPC584BX Datasheet HTML 67Page - STMicroelectronics SPC584BX Datasheet HTML 68Page - STMicroelectronics SPC584BX Datasheet HTML 69Page - STMicroelectronics SPC584BX Datasheet HTML 70Page - STMicroelectronics SPC584BX Datasheet HTML 71Page - STMicroelectronics SPC584BX Datasheet HTML 72Page - STMicroelectronics SPC584BX Datasheet HTML 73Page - STMicroelectronics SPC584BX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
Electrical characteristics
SPC584Bx
70/142
DS11701 Rev 4
4.15.3
Voltage monitors
The monitors and their associated levels for the device are given in Table 38. Figure 17
illustrates the workings of voltage monitoring threshold.
Table 36. Clamp regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VCLAMP
CC P Clamp regulator output voltage
After trimming, internal
regulator mode
1.18
1.22
1.33
V
IDDCLAMP CC T Clamp regulator current variation
20 µs observation
window
-100
—
100
mA
ICLAMPINT CC D
Clamp regulator current
consumption
IMREG = 0 mA
—
—
0.7
mA
Table 37. Standby regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VSBY
CC P Standby regulator output voltage
After trimming,
maximum load
1.02
1.06
1.26
V
IDDSBY
CC T
Standby regulator current
provided to VDD_LV domain
External Ballast
—
—
50
mA
Internal Ballast
—
—
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com