Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 13Page - STMicroelectronics SPC584BX Datasheet HTML 14Page - STMicroelectronics SPC584BX Datasheet HTML 15Page - STMicroelectronics SPC584BX Datasheet HTML 16Page - STMicroelectronics SPC584BX Datasheet HTML 17Page - STMicroelectronics SPC584BX Datasheet HTML 18Page - STMicroelectronics SPC584BX Datasheet HTML 19Page - STMicroelectronics SPC584BX Datasheet HTML 20Page - STMicroelectronics SPC584BX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 142 page
background image
DS11701 Rev 4
17/142
SPC584Bx
Electrical characteristics
19
4.3
Operating conditions
Table 5 describes the operating conditions for the device, and for which all the specifications
in the data sheet are valid, except where explicitly noted. The device operating conditions
must not be exceeded or the functionality of the device is not guaranteed.
Table 5. Operating conditions
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
FSYS
SR
P
Operating
system clock
frequency(2)
——
—
120
MHz
TA_125 Grade(3)
SR
D
Operating
Ambient
temperature
—
–40
—
125
°C
TJ_125 Grade(3)
SR
P
Junction
temperature
under bias
TA = 125 °C
–40
—
150
°C
TA_105 Grade(3)
SR
D
Ambient
temperature
under bias
—
–40
—
105
°C
TJ_105 Grade(3)
SR
D
Operating
Junction
temperature
TA = 105 °C
–40
—
130
°C
VDD_LV
SR
P
Core supply
voltage(4)
—
1.14
1.20
1.26(5) (6)
V
VDD_HV_IO_MAIN
VDD_HV_IO_ETH
VDD_HV_FLA
VDD_HV_OSC
SR
P
IO supply
voltage
—
3.0
—
5.5
V
VDD_HV_ADV
SR
P
ADC supply
voltage
—
3.0
—
5.5
V
VSS_HV_ADV-
VSS
SR
D
ADC ground
differential
voltage
—
–25
—
25
mV
VDD_HV_ADR_S
SR
P
SAR ADC
reference
voltage
—
3.0
—
5.5
V
VDD_HV_ADR_S-
VDD_HV_ADV
SR
D
SAR ADC
reference
differential
voltage
——
—
25
mV
VSS_HV_ADR_S
SR
P
SAR ADC
ground
reference
voltage
—VSS_HV_ADV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com