Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 92 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 88Page - STMicroelectronics SPC584BX Datasheet HTML 89Page - STMicroelectronics SPC584BX Datasheet HTML 90Page - STMicroelectronics SPC584BX Datasheet HTML 91Page - STMicroelectronics SPC584BX Datasheet HTML 92Page - STMicroelectronics SPC584BX Datasheet HTML 93Page - STMicroelectronics SPC584BX Datasheet HTML 94Page - STMicroelectronics SPC584BX Datasheet HTML 95Page - STMicroelectronics SPC584BX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 142 page
background image
Electrical characteristics
SPC584Bx
92/142
DS11701 Rev 4
Figure 32. DSPI PCS strobe (PCSS) timing (master mode)
4.17.2.2
Slave mode timing
PCSx
PCSS
tPCSC
tPASC
Table 48. DSPI CMOS slave timing — full duplex — normal and modified transfer formats
(MTFE = 0/1)
#
Symbol
C
Characteristic
Condition
Min
Max
Unit
Pad Drive
Load
1tSCK
CC
D SCK Cycle Time(1)
——
62
—
ns
2tCSC
SR
D SS to SCK Delay(1)
——
16
—
ns
3tASC
SR
D SCK to SS Delay(1)
——
16
—
ns
4tSDC
CC
D SCK Duty Cycle(1)
——
30
—
ns
5tA
CC
D
Slave Access Time(1) (2) (3)
(SS active to SOUT driven)
Very
strong
25 pF
—
50
ns
Strong
50 pF
—
50
ns
Medium
50 pF
—
60
ns
6tDIS
CC
D
Slave SOUT Disable Time(1)
(2) (3)
(SS inactive to SOUT High-
Z or invalid)
Very
strong
25 pF
—
5
ns
Strong
50 pF
—
5
ns
Medium
50 pF
—
10
ns
9tSUI
CC
D
Data Setup Time for
Inputs(1)
——
10
—
ns
10
tHI
CC
D Data Hold Time for Inputs(1)
——
10
—
ns
11
tSUO
CC
D
SOUT Valid Time(1) (2) (3)
(after SCK edge)
Very
strong
25 pF
—
30
ns
Strong
50 pF
—
30
ns
Medium
50 pF
—
50
ns
12
tHO
CC
D
SOUT Hold Time(1) (2) (3)
(after SCK edge)
Very
strong
25 pF
2.5
—
ns
Strong
50 pF
2.5
—
ns
Medium
50 pF
2.5
—
ns
1. Input timing assumes an input slew rate of 1 ns (10 % - 90 %) and uses TTL voltage thresholds.
2. All timing values for output signals in this table, are measured to 50 % of the output voltage.
3. All output timing is worst case and includes the mismatching of rise and fall times of the output pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com