Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 12Page - STMicroelectronics SPC584BX Datasheet HTML 13Page - STMicroelectronics SPC584BX Datasheet HTML 14Page - STMicroelectronics SPC584BX Datasheet HTML 15Page - STMicroelectronics SPC584BX Datasheet HTML 16Page - STMicroelectronics SPC584BX Datasheet HTML 17Page - STMicroelectronics SPC584BX Datasheet HTML 18Page - STMicroelectronics SPC584BX Datasheet HTML 19Page - STMicroelectronics SPC584BX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 142 page
background image
Electrical characteristics
SPC584Bx
16/142
DS11701 Rev 4
TSTG
SR
T
Maximum non-
operating
Storage
temperature
range
—
–55
—
125
°C
TPAS
SR
C
Maximum
nonoperating
temperature
during passive
lifetime
—–55
—
150(7)
°C
TSTORAGE
SR
—
Maximum
storage time,
assembled part
programmed in
ECU
No supply; storage
temperature in
range –40 °C to
60 °C
—
—
20
years
TSDR
SR
T
Maximum solder
temperature Pb-
free packaged(8)
——
—
260
°C
MSL
SR
T
Moisture
sensitivity
level(9)
——
—
3
—
TXRAY dose
SR
T
Maximum
cumulated
XRAY dose
Typical range for
X-rays source
during
inspection:80 ÷
130 KV; 20 ÷
50
A
——
1
grey
1. VDD_LV: allowed 1.335 V - 1.400 V for 60 seconds cumulative time at the given temperature profile. Remaining time allowed
1.260 V - 1.335 V for 10 hours cumulative time at the given temperature profile. Remaining time as defined in Section 4.3:
Operating conditions.
2. VDD_HV: allowed 5.5 V – 6.0 V for 60 seconds cumulative time at the given temperature profile, for 10 hours cumulative
time with the device in reset at the given temperature profile. Remaining time as defined in Section 4.3: Operating
conditions.
3. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current
condition on a pin, the voltage will be equal to the supply plus the voltage drop across the internal ESD diode from I/O pin
to supply. The diode voltage varies greatly across process and temperature, but a value of 0.3 V can be used for nominal
calculations.
4. Relative value can be exceeded if design measures are taken to ensure injection current limitation (parameter IINJ).
5. This limitation applies to pads with digital input buffer enabled. If the digital input buffer is disabled, there are no maximum
limits to the transition time.
6. The limits for the sum of all normal and injected currents on all pads within the same supply segment can be found in
Section 4.8.3: I/O pad current specifications.
7. 175 °C are allowed for limited time. Mission profile with passive lifetime temperature >150 °C have to be evaluated by ST to
confirm that are granted by product qualification.
8. Solder profile per IPC/JEDEC J-STD-020D.
9. Moisture sensitivity per JDEC test method A112.
Table 4. Absolute maximum ratings (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com