Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 72Page - STMicroelectronics SPC584BX Datasheet HTML 73Page - STMicroelectronics SPC584BX Datasheet HTML 74Page - STMicroelectronics SPC584BX Datasheet HTML 75Page - STMicroelectronics SPC584BX Datasheet HTML 76Page - STMicroelectronics SPC584BX Datasheet HTML 77Page - STMicroelectronics SPC584BX Datasheet HTML 78Page - STMicroelectronics SPC584BX Datasheet HTML 79Page - STMicroelectronics SPC584BX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 142 page
background image
Electrical characteristics
SPC584Bx
76/142
DS11701 Rev 4
All the Flash operations require the presence of the system clock for internal
synchronization. About 50 synchronization cycles are needed: this means that the timings of
the previous table can be longer if a low frequency system clock is used.
Table 41. Flash memory life specification
Symbol
Characteristics(1) (2)
1. Program and erase cycles supported across specified temperature specifications.
2. It is recommended that the application enables the core cache memory.
Value
Unit
Min
C
Typ
C
NCER16K 16 KB CODE Flash endurance
10
—
100
— Kcycles
NCER32K 32 KB CODE Flash endurance
10
—
100
— Kcycles
NCER64K 64 KB CODE Flash endurance
10
—
100
— Kcycles
NCER128K 128 KB CODE Flash endurance
1
—
100
— Kcycles
NCER256K
256 KB CODE Flash endurance
1
—
100
— Kcycles
256 KB CODE Flash endurance(3)
3. 10K cycles on 4-256 KB blocks is not intended for production. Reduced reliability and degraded erase time
are possible.
10
—
100
— Kcycles
NDER16K 16 KB DATA EEPROM Flash endurance
250
—
—
— Kcycles
NDER16K 16 KB HSM DATA EEPROM Flash endurance
100
—
—
— Kcycles
tDR1k
Minimum data retention Blocks with 0 - 1,000 P/E
cycles
25
—
—
—
Years
tDR10k
Minimum data retention Blocks with 1,001 - 10,000
P/E cycles
20
—
—
—
Years
tDR100k
Minimum data retention Blocks with 10,001 - 100,000
P/E cycles
15
—
—
—
Years
tDR250k
Minimum data retention Blocks with 100,001 -
250,000 P/E cycles
10
—
—
—
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com