Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC584BX Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPC584BX
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584BX Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPC584BX Datasheet HTML 107Page - STMicroelectronics SPC584BX Datasheet HTML 108Page - STMicroelectronics SPC584BX Datasheet HTML 109Page - STMicroelectronics SPC584BX Datasheet HTML 110Page - STMicroelectronics SPC584BX Datasheet HTML 111Page - STMicroelectronics SPC584BX Datasheet HTML 112Page - STMicroelectronics SPC584BX Datasheet HTML 113Page - STMicroelectronics SPC584BX Datasheet HTML 114Page - STMicroelectronics SPC584BX Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 142 page
background image
DS11701 Rev 4
111/142
SPC584Bx
Package information
122
5.2.1
Package mechanical drawings and data information
The following notes are related to Figure 47, Figure 48, Figure 49 and Table 63:
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
The Top package body size may be smaller than the bottom package size by as much
as 0.15 mm.
3.
Datums A-B and D to be determined at datum plane H.
4.
To be determined at seating datum plane C.
5.
Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash
or protrusions is “0.25 mm” per side. D1 and E1 are Maximum plastic body size
dimensions including mold mismatch.
6.
Details of pin 1 identifier are optional but must be located within the zone indicated.
7.
All dimensions are in millimeter except where explicitly noted.
8.
No intrusion allowed inwards the leads.
9.
Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall
not cause the lead width to exceed the maximum “b” dimension by more than 0.08 mm.
Dambar cannot be located on the lower radius or the foot. Minimum space between
protrusion and an adjacent lead is 0.07 mm for 0.4 mm and 0.5 mm pitch packages.
10. Exact shape of each corner is optional.
11. These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm
from the lead tip.
12. A1 is defined as the distance from the seating plane to the lowest point on the package
body.
13. Dimensions D2 and E2 show the maximum exposed metal area on the package
surface where the exposed pad is located (if present). It includes all metal protrusions
from exposed pad itself. Type of exposed pad on SPC584Bx is as Figure 50. End user
should verify D2 and E2 dimensions according to the specific device application.
14. Dimensions D3 and E3 show the minimum solderable area, defined as the portion of
exposed pad which is guaranteed to be free from resin flashes/bleeds, bordered by
internal edge of inner groove.
15. The optional exposed pad is generally coincident with the top or bottom side of the
package and not allowed to protrude beyond that surface.
16. “N” is the max number of terminal positions for the specified body size.
17. Critical dimensions:
a)
Stand-Off
b)
Overall Width
c)
Lead Coplanarity
18. For symbols, recommended values and tolerances, see Table 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com